Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 205 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 205 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 201Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 202Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 203Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 204Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 205Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 206Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 207Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 208Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 209Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 306 page
background image
6.9.3
EMIFA Electrical Data/Timing
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
Table 6-24. Timing Requirements for Asynchronous Memory Cycles for EMIFA Module(1)
(see Figure 6-14 and Figure 6-15)
-7/-6/-5/-4
-L/-Q6/-Q5/-Q4
NO.
UNIT
MIN
NOM
MAX
READS and WRITES
2
tw(EM_WAIT)
Pulse duration, EM_WAIT assertion and deassertion
2E
ns
READS
12
tsu(EMDV-EMOEH)
Setup time, EM_D[7:0] valid before EM_OE high
5
ns
13
th(EMOEH-EMDIV)
Hold time, EM_D[7:0] valid after EM_OE high
0
ns
tsu(EMWAIT-
14
Setup time, EM_WAIT asserted before EM_OE high(2)
4E + 5
ns
EMOEH)
WRITES
tsu(EMWAIT-
28
Setup time, EM_WAIT asserted before EM_WE high(2)
4E + 5
ns
EMWEH)
(1)
E = SYSCLK3 period in ns for EMIFA. For example, when running the DSP CPU at 600 MHz, use E = 10 ns.
(2)
Setup before end of STROBE phase (if no extended wait states are inserted) by which EM_WAIT must be asserted to add extended
wait states. Figure 6-16 and Figure 6-17 describe EMIF transactions that include extended wait states inserted during the STROBE
phase. However, cycles inserted as part of this extended wait period should not be counted; the 4E requirement is to the start of where
the HOLD phase would begin if there were no extended wait cycles.
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com