Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 207 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 207 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 203Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 204Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 205Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 206Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 207Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 208Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 209Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 210Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 211Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 306 page
background image
EM_CS[5:2]
EM_BA[1:0]
13
12
EM_A[21:0]
EM_OE
EM_D[7:0]
EM_WE
10
5
9
7
4
8
6
3
1
EM_R/W
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
Table 6-25. Switching Characteristics Over Recommended Operating Conditions for Asynchronous
Memory Cycles for EMIFA Module (see Figure 6-14 and Figure 6-15) (continued)
-7/-6/-5/-4
NO
-L/-Q6/-Q5/-Q4
PARAMETER
UNIT
.
MIN
NOM
MAX
24
tw(EMWEL)
EM_WE active low width
(WST + 1) * E(3)
ns
Delay time from EM_WAIT deasserted
25
td(EMWAITH-EMWEH)
4E + 4
ns
to EM_WE high
Output setup time, EM_D[7:0] valid to
26
tsu(EMDV-EMWEL)
(WS + 1) * E - 4
(WS + 1) * E + 4
ns
EM_WE low
Output hold time, EM_WE high to
27
th(EMWEH-EMDIV)
(WH + 1) * E - 4
(WH + 1) * E + 4
ns
EM_D[7:0] invalid
Figure 6-14. Asynchronous Memory Read Timing for EMIF
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
207



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com