Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 211 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 211 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 207Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 208Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 209Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 210Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 211Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 212Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 213Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 214Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 215Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 306 page
background image
DDR_CLK
1
6.10 Video Processing Sub-System (VPSS) Overview
6.10.1 Video Processing Front-End (VPFE)
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
Table 6-27. Switching Characteristics Over Recommended Operating Conditions for DDR2 Memory
Controller(1)(2)(see Figure 6-18)
-7/-6/-5/-4
-L/-Q6/-Q5/-Q4
NO.
PARAMETER
UNIT
MIN
MAX
1
tc(DDR_CLK)
Cycle time, DDR_CLK
6
8
ns
(1)
DDR_CLK cycle time = 2 x PLL2 _SYSCLK1 cycle time.
(2)
The PLL2 Controller must be programmed such that the resulting DDR_CLK clock frequency is within the specified range.
Figure 6-18. DDR2 Memory Controller Clock Timing
The DM6437 Video Processing Sub-System (VPSS) provides a Video Processing Front End (VPFE) input
interface for external imaging peripherals (i.e., image sensors, video decoders, etc.) and a Video
Processing Back End (VPBE) output interface for display devices, such as analog SDTV displays, digital
LCD panels, HDTV video encoders, etc.
The VPSS register memory mapping is shown in Table 6-28.
Table 6-28. VPSS Register Descriptions
HEX ADDRESS RANGE
REGISTER ACRONYM
Description
0x01C7 3400
PID
Peripheral Revision and Class Information
0x01C7 3404
PCR
VPSS Control Register
0x01C7 3408
-
Reserved
0x01C7 3508
SDR_REG_EXP
SDRAM Non Real-Time Read Request Expand
0x01C7 350C -
-
Reserved
0x01C7 3FFF
The Video Processing Front-End (VPFE) consists of the CCD Controller (CCDC), Preview Engine,
Resizer, Hardware 3A (H3A) Statistic Generator, and Histogram blocks. Together, these modules provide
DM6437 with a powerful and flexible front-end interface. These modules are briefly described below:
• The CCDC provides an interface to image sensors and digital video sources.
• The Preview Engine is a parameterized hardwired image processing block which is used for converting
RAW color data from a Bayer pattern to YUV 4:2:2.
• The Resizer module re-sizes the input image data to the desired display or video encoding resolution.
• The H3A module provides control loops for Auto Focus (AF), Auto White Balance (AWB) and Auto
Exposure (AE).
• The Histogram module bins input color pixels, depending on the amplitude, and provides statistics
required to implement various 3A (AE/AF/AWB) algorithms and tune the final image/video output.
The VPFE register memory mapping is shown in Table 6-29.
Table 6-29. VPFE Register Address Range Descriptions
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0x01C7 0400 – 0x01C7 07FF
CCDC
VPFE – CCD Controller
0x01C7 0800 – 0x01C7 0BFF
PREV
VPFE – Preview Engine/Image Signal Processor
0x01C7 0C00 – 0x01C7 09FF
RESZ
VPFE – Resizer
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com