Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 212 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 212 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 208Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 209Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 210Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 211Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 212Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 213Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 214Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 215Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 216Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 306 page
background image
6.10.1.1 CCD Controller (CCDC)
TMS320DM6437
Digital Media Processor
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
Table 6-29. VPFE Register Address Range Descriptions (continued)
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0x01C7 1000 – 0x01C7 13FF
HIST
VPFE – Histogram
0x01C7 1400 – 0x01C7 17FF
H3A
VPFE – Hardware 3A (Auto-Focus/WB/Exposure)
0x01C7 3400 – 0x01C7 3FFF
VPSS
VPSS Shared Buffer Logic Registers
The CCDC receives raw image/video data from sensors (CMOS or CCD) or YUV video data in numerous
formats from video decoder devices. The following features are supported by the CCDC module.
• Conventional Bayer pattern format.
• Generates HD/VD timing signals and field ID to an external timing generator or can synchronize to an
external timing generator.
• Interface to progressive and interlaced sensors.
• REC656/CCIR-656 standard (YCbCr 4:2:2 format, either 8- or 16-bit).
• YCbCr 4:2:2 format, either 8- or 16-bit with discrete H and VSYNC signals.
• Up to 16-bit input.
• Optical black clamping signal generation.
• Shutter signal control.
• Digital clamping and black level compensation.
• 10-bit to 8-bit A-law compression.
• Low-pass filter prior to writing to SDRAM. If this filter is enabled, 2 pixels each in the left and right
edges of each line are cropped from the output.
• Output range from 16-bits to 8-bits wide (8-bits wide allows for 50% saving in storage area).
• Downsampling via programmable culling patterns.
• Control output to the DDR2 via an external write enable signal.
• Up to 16K pixels (image size) in both the horizontal and vertical direction.
The CCDC register memory mapping is shown in Table 6-30.
Table 6-30. CCDC Register Descriptions
HEX ADDRESS RANGE
REGISTER ACRONYM
DESCRIPTION
0x01C7 0400
PID
Peripheral Revision and Class Information
0x01C7 0404
PCR
Peripheral Control Register
0x01C7 0408
SYN_MODE
SYNC and Mode Set Register
0x01C7 040C
HD_VD_WID
HD and VD Signal Width
0x01C7 0410
PIX_LINES
Number of Pixels in a Horizontal Line and Number of Lines in a Frame
0x01C7 0414
HORZ_INFO
Horizontal Pixel Information
0x01C7 0418
VERT_START
Vertical Line - Settings for the Starting Pixel
0x01C7 041C
VERT_LINES
Number of Vertical Lines
0x01C7 0420
CULLING
Culling Information in Horizontal and Vertical Directions
0x01C7 0424
HSIZE_OFF
Horizontal Size
0x01C7 0428
SDOFST
SDRAM/DDRAM Line Offset
0x01C7 042C
SDR_ADDR
SDRAM Address
0x01C7 0430
CLAMP
Optical Black Clamping Settings
0x01C7 0434
DCSUB
DC Clamp
0x01C7 0438
COLPTN
CCD Color Pattern
0x01C7 043C
BLKCMP
Black Compensation
0x01C7 0440
-
Reserved
0x01C7 0444
-
Reserved
Peripheral Information and Electrical Specifications
212
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com