Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 216 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 216 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 212Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 213Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 214Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 215Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 216Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 217Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 218Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 219Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 220Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 306 page
background image
6.10.1.4 Hardware 3A (H3A)
TMS320DM6437
Digital Media Processor
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
Table 6-32. Resizer Register Descriptions (continued)
HEX ADDRESS RANGE
REGISTER ACRONYM
DESCRIPTION
0x01C7 0C64
HFILT3130
Horizontal Filter Coefficients 31 and 30
0x01C7 0C68
VFILT10
Vertical Filter Coefficients 1 and 0
0x01C7 0C6C
VFILT32
Vertical Filter Coefficients 3 and 2
0x01C7 0C70
VFILT54
Vertical Filter Coefficients 5 and 4
0x01C7 0C74
VFILT76
Vertical Filter Coefficients 7 and 6
0x01C7 0C78
VFILT98
Vertical Filter Coefficients 9 and 8
0x01C7 0C7C
VFILT1110
Vertical Filter Coefficients 11 and 10
0x01C7 0C80
VFILT1312
Vertical Filter Coefficients 13 and 12
0x01C7 0C84
VFILT1514
Vertical Filter Coefficients 15 and 14
0x01C7 0C88
VFILT1716
Vertical Filter Coefficients 17 and 16
0x01C7 0C8C
VFILT1918
Vertical Filter Coefficients 19 and 18
0x01C7 0C90
VFILT2120
Vertical Filter Coefficients 21 and 20
0x01C7 0C94
VFILT2322
Vertical Filter Coefficients 23 and 22
0x01C7 0C98
VFILT2524
Vertical Filter Coefficients 25 and 24
0x01C7 0C9C
VFILT2726
Vertical Filter Coefficients 27 and 26
0x01C7 0CA0
VFILT2928
Vertical Filter Coefficients 29 and 28
0x01C7 0CA4
VFILT3130
Vertical Filter Coefficients 31 and 30
0x01C7 0CA8
YENH
Luminance Enhancer
The Hardware 3A (H3A) module provides control loops for Auto Focus, Auto White Balance and Auto
Exposure. There are 2 main components of the H3A module:
• Auto Focus (AF) Engine
• Auto Exposure (AE) & Auto White Balance (AWB) Engine
The AF engine extracts and filters the red, green, and blue data from the input image/video data and
provides either the accumulation or peaks of the data in a specified region. The specified region is a two
dimensional block of data and is referred to as a “paxel” for the case of AF.
The AE/AWB Engine accumulates the values and checks for saturated values in a sub sampling of the
video data. In the case of the AE/AWB, the two-dimensional block of data is referred to as a “window”.
The number, dimensions, and starting position of the AF paxels and the AE/AWB windows are separately
programmable.
The H3A register memory mapping is shown in Table 6-33.
Table 6-33. H3A Register Descriptions
HEX ADDRESS RANGE
REGISTER ACRONYM
DESCRIPTION
0x01C7 1400
PID
Peripheral Revision and Class Information
0x01C7 1404
PCR
Peripheral Control Register
0x01C7 1408
AFPAX1
Setup for the AF Engine Paxel Configuration
0x01C7 140C
AFPAX2
Setup for the AF Engine Paxel Configuration
0x01C7 1410
AFPAXSTART
Start Position for AF Engine Paxels
0x01C7 1414
AFIIRSH
Start Position for IIRSH
0x01C7 1418
AFBUFST
SDRAM/DDRAM Start Address for AF Engine
0x01C7 141C
AFCOEF010
IIR Filter Coefficient Data for SET 0
0x01C7 1420
AFCOEF032
IIR Filter Coefficient Data for SET 0
0x01C7 1424
AFCOEFF054
IIR Filter Coefficient Data for SET 0
0x01C7 1428
AFCOEFF076
IIR Filter Coefficient Data for SET 0
Peripheral Information and Electrical Specifications
216
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com