Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 220 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 220 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 216Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 217Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 218Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 219Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 220Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 221Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 222Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 223Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 224Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 306 page
background image
PCLK
(Positive Edge Clocking)
PCLK
(Negative Edge Clocking)
7, 9
HD/VD
CCD[15:0]
8, 10
11, 13
12, 14
5
6
C_WE/C_FIELD
PCLK
(Positive Edge Clocking)
15
16
23
24
CCD[15:0]
C_WE/C_FIELD
PCLK
(Positive Edge Clocking)
TMS320DM6437
Digital Media Processor
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
Figure 6-20. VPFE (CCD) Slave Mode Input Data Timing
Table 6-37. Timing Requirements for VPFE (CCD) Master Mode(1) (see Figure 6-21)
-7/-6/-5/-4
-L/-Q6/-Q5/-Q4
NO.
UNIT
MIN
MAX
15
tsu(CCDV-PCLK)
Setup time, CCD valid before PCLK edge
4.5
ns
16
th(PCLK-CCDV)
Hold time, CCD valid after PCLK edge
1
ns
23
tsu(CWEV-PCLK)
Setup time, C_WE valid before PCLK edge
4.5
ns
24
th(PCLK-CWEV)
Hold time, C_WE valid after PCLK edge
1
ns
(1)
The VPFE may be configured to operate in either positive or negative edge clocking mode. When in positive edge clocking mode the
rising edge of PCLK is referenced. When in negative edge clocking mode the falling edge of PCLK is referenced.
Figure 6-21. VPFE (CCD) Master Mode Input Data Timing
220
Peripheral Information and Electrical Specifications
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com