Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 222 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 222 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 218Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 219Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 220Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 221Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 222Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 223Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 224Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 225Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 226Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 306 page
background image
6.10.2 Video Processing Back-End (VPBE)
f
sc-ntsc
35
= 27 MHz
= 3.5795454545 MHz
264
æ
ö
ç
÷
è
ø
167
f
= 27 MHz
= 4.4332628318 MHz
sc- pal
1017
æ
ö
ç
÷
è
ø
6.10.2.1 On-Screen Display (OSD)
TMS320DM6437
Digital Media Processor
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
The Video Processing Back-End (VPBE) consists of the On-Screen Display (OSD) module, the Video
Encoder (VENC) including the Digital LCD (DLCD) and Analog (i.e., DAC) interfaces. The video encoder
generates analog video output. The DLCD controller generates digital RGB/YCbCr data output and timing
signals.
Note: If the DAC is not used, for proper device operation connect the DAC pins as described in
Table 2-21, DAC [Part of VPBE] Terminal Functions.
The VPBE register memory mapping is shown in Table 6-39.
Table 6-39. VPBE Register Descriptions
Address
Register
Description
0x01C7 2780
PID
Peripheral Revision and Class Information Register
0x01C7 2784
PCR
Peripheral Control Register
To ensure NTSC and PAL compliant output video, the stability of the input clock source is very important.
TI recommends a 27-MHz, 50-ppm crystal. Ceramic oscillators are not recommended. The NTSC/PAL
color sub-carrier frequency is derived from the 27-MHz clock; therefore, if the 27-MHz clock drifts, then the
color sub-carrier frequency will drift as well. Assuming no 27-MHz frequency drift, the color sub-carrier
frequency is generated as follows:
To ensure the color sub-carrier frequency will not drift out of specification, the user must follow the crystal
requirements discussed in Section 6.6.1, Clock Input Option 1—Crystal. Alternatively, if the VPBE input
clock is sourced from the VPBECLK or VPFE clock inputs, these clocks must have a frequency stability of
±50 ppm to ensure NTSC and PAL compliant output video.
The major function of the OSD module is to gather and blend video data and display/bitmap data before
feeding it to the Video Encoder (VENC) in YCbCr format. The video and display data is read from an
external memory, typically DDR2. The OSD is programmed via control and parameter registers. The
following are the primary features that are supported by the OSD.
• Simultaneous display of two video windows and two OSD windows (VIDWIN0/VIDWIN1 and
OSDWIN0/OSDWIN1).
–
Separate enable for each window
–
Programmable width, height, and base starting coordinates for each window
–
External memory address and offset registers for each window
–
Support for x2 and x4 zoom in both the horizontal and vertical direction
–
OSDWIN1 can be used as an attribute window for OSDWIN0
–
Attribute window blinking intervals
–
Field/frame mode for the windows (interlaced/progressive)
–
Eight step blending process between the OSD and video windows
–
Transparency support for the OSD and video data (when a bitmap pixel is zero, there will be no
blending for that corresponding video pixel)
–
Resize from VGA to NTSC/PAL (640x480 to 720x576) for both the OSD and video windows
–
Reads in YCbCr data in 4:2:2 format from external memory, with the capability for swapping the
order of the CbCr component in the 32-bit word (this is relevant to the two video windows)
Peripheral Information and Electrical Specifications
222
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com