Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 225 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 225 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 221Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 222Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 223Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 224Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 225Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 226Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 227Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 228Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 229Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 306 page
background image
6.10.2.2 Video Encoder (VENC)
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
Table 6-40. OSD Register Descriptions (continued)
0x01C7 26EC
CLUTRAMYCB
CLUT RAMYCB Setup
0x01C7 26F0
CLUTRAMCR
CLUT RAM Setup
0x01C7 26F4
TRANSPVAL
CLUT RAM Setup
0x01C7 26F8
RSV6
Reserved
0x01C7 26FC
PPVWIN0ADR
Ping-Pong Video Window 0 Address
Analog/DACs interface of the Video Encoder (VENC) supports the following features.
• Master Clock Input - 27MHz (x2 Upsampling)
• SDTV Support
–
Composite NTSC-M, PAL-B/D/G/H/I
–
S-Video (Y/C)
–
Component YPbPr (SMPTE/EBU N10, Betacam, MII)
–
RGB
–
Non-Interlace
–
CGMS/WSS
–
Line 21 Closed Caption Data Encoding
–
Chroma Low Pass Filter 1.5MHz/3MHz
–
Programmable SC-H phase
• HDTV Support
–
Progressive Output (525p/625p)
–
Component YPbPr
–
RGB
–
CGMS/WSS
• 4 10-bit Over-Sampling D/A Converters
• Optional 7.5% Pedestal
• 16-235/0-255 Input Amplitude Selectable
• Programmable Luma Delay
• Master/Slave Operation
• Internal Color Bar Generation (100%/75%)
The Digital LCD Controller (DLCD) of the VENC supports the following features.
• Programmable DCLK
• Various Output Formats
–
YCbCr 16bit
–
YCbCr 8bit
–
ITU-R BT. 656
–
Parallel RGB 24bit
• Low Pass Filter for Digital RGB Output
• Programmable Timing Generator
• Master/Slave Operation
• Internal Color Bar Generation (100%/75%)
The VENC register memory mapping including the Digital LCD and DACs is shown in Table 6-41.
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
225



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com