Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 223 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 223 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 219Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 220Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 221Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 222Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 223Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 224Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 225Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 226Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 227Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 306 page
background image
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
–
Support for a ping-pong buffer scheme that can be used for VIDWIN0 (allows for video data to be
accessed from two different locations in DDR2)
–
Each OSD window (either one, but not both at the same time) is capable of reading in RGB data
(16-bit data with six bits for the green and five bits each for the red and blue colors) instead of
bitmap data in YCbCr format restricted to a maximum of 8-bits
–
The OSD bitmap data width is selectable between 1, 2, 4, or 8-bits.
–
Each OSD window supports 16 entries for the bitmap (to index into a 256 entry RAM/ROM CLUT
table).
–
Indirect support for 24-bit RGB input data (which will be transformed into 16-bit YCbCr video
window data) via the wrapper interface in the VPBE.
• Support for a rectangular cursor window and a programmable background color selection.
–
Programmable color palette with the ability to select between a RAM/ROM table with support for
256 colors.
–
The width, height, and color of the cursor is programmable.
–
The display priority is: Rectangular-Cursor > OSDWIN1 > OSDWIN0 > VIDWIN1 > VIDWIN0 >
background color
• Support for attenuation of the YCbCr values for the REC601 standard.
The following restrictions exist in the OSD module.
• Both the OSD windows and VIDWIN1 should be fully contained inside VIDWIN0.
• When one of the OSD windows is set in RGB mode, it cannot overlap with VIDWIN1.
• The OSD cannot support more than 256 color entries in the CLUT RAM/ROM. Some applications
require higher number of entries, and one workaround is to use VIDWIN1 as an overlay mimicking the
OSD window. Another option is to use the RGB mode for one of the OSD windows which allows for a
total of 16-bits for the R, G, and B colors (64K colors).
• The OSD can only read YCbCr in 4:2:2 interleaved format for the video windows. Other formats, either
color separate storage or 4:4:4/4:2:0 interleaved data is not supported.
• If the vertical resize filter is enabled for either of the video windows, the maximum horizontal window
dimension cannot be greater than 720 currently.
• It is not possible to use both of the CLUT ROMs at the same time. However, one window can use
RAM while another uses ROM.
• The 24-bit RGB input mode is only valid for one of the two video windows (programmable) and does
not apply to the OSD windows.
The OSD register memory mapping is shown in Table 6-40.
Table 6-40. OSD Register Descriptions
Address
Register
Description
0x01C7 2600
MODE
OSD Mode Register
0x01C7 2604
VIDWINMD
Video Window Mode Setup
0x01C7 2608
OSDWIN0MD
OSD Window Mode Setup
0x01C7 260C
OSDWIN1MD
OSD Window 1 Mode Setup (when used as a second OSD window)
0x01C7 260C
OSDATRMD
OSD Attribute Window Mode Setup (when used as an attribute window)
0x01C7 2610
RECTCUR
Rectangular Cursor Setup
0x01C7 2614
RSV0
Reserved
0x01C7 2618
VIDWIN0OFST
Video Window 0 Offset
0x01C7 261C
VIDWIN1OFST
Video Window 1 Offset
0x01C7 2620
OSDWIN0OFST
OSD Window 0 Offset
0x01C7 2624
OSDWIN1OFST
OSD Window 1 Offset
0x01C7 2628
RSV1
Reserved
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
223



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com