Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 219 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 219 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 215Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 216Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 217Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 218Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 219Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 220Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 221Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 222Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 223Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 306 page
background image
6.10.1.6 VPFE Electrical Data/Timing
PCLK
2
1
3
4
4
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
Table 6-35. Timing Requirements for VPFE PCLK Master/Slave Mode(1) (see Figure 6-19)
-7/-6/-5/-4
-L/-Q6/-Q5/-Q4
NO.
UNIT
MIN
MAX
1
tc(PCLK)
Cycle time, PCLK
10.204 or 13.33(2)
ns
2
tw(PCLKH)
Pulse duration, PCLK high
0.4P
ns
3
tw(PCLKL)
Pulse duration, PCLK low
0.4P
ns
4
tt(PCLK)
Transition time, PCLK
7
ns
(1)
P = PCLK period in ns.
(2)
When PCLK sources the clock for both the VPFE and VPBE, the minimum cycle time of 13.33 ns (specified in Table 6-42, Timing
Requirements for VPBE CLK Inputs for VPBE) must be met. When PCLK sources the clock for only the VPFE, a minimum cycle time of
10.2 ns may be used.
Figure 6-19. VPFE PCLK Timing
Table 6-36. Timing Requirements for VPFE (CCD) Slave Mode(1) (see Figure 6-20)
-7/-6/-5/-4
-L/-Q6/-Q5/-Q4
NO.
UNIT
MIN
MAX
5
tsu(CCDV-PCLK)
Setup time, CCD valid before PCLK edge
4.5
ns
6
th(PCLK-CCDV)
Hold time, CCD valid after PCLK edge
1
ns
7
tsu(HDV-PCLK)
Setup time, HD valid before PCLK edge
4.5
ns
8
th(PCLK-HDV)
Hold time, HD valid after PCLK edge
1
ns
9
tsu(VDV-PCLK)
Setup time, VD valid before PCLK edge
4.5
ns
10
th(PCLK-VDV)
Hold time, VD valid after PCLK edge
1
ns
11
tsu(C_WEV-PCLK)
Setup time, C_WE valid before PCLK edge
4.5
ns
12
th(PCLK-C_WEV)
Hold time, C_WE valid after PCLK edge
1
ns
13
tsu(C_FIELDV-PCLK)
Setup time, C_FIELD valid before PCLK edge
4.5
ns
14
th(PCLK-C_FIELDV)
Hold time, C_FIELD valid after PCLK edge
1
ns
(1)
The VPFE may be configured to operate in either positive or negative edge clocking mode. When in positive edge clocking mode the
rising edge of PCLK is referenced. When in negative edge clocking mode the falling edge of PCLK is referenced.
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com