Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 215 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 215 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 211Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 212Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 213Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 214Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 215Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 216Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 217Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 218Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 219Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 306 page
background image
6.10.1.3 Resizer
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
The resizer module can accept input image/video data from either the preview engine or DDR2. The
output of the resizer module is sent to DDR2. The following features are supported by the resizer module.
• An output width up to 1280 horizontal pixels.
• Input from external DDR2.
• Up to 4x upsampling (digital zoom).
• Bi-cubic interpolation (4-tap horizontal, 4-tap vertical) can be implemented with the programmable filter
coefficients.
• 8 phases of filter coefficients.
• Optional bi-linear interpolation for the chrominance components.
• Up to 1/4x downsampling
• 4-tap horizontal and 4-tap vertical filter coefficients (with 8-phases) for 1x to 1/2x downsampling
• 1/2x to 1/4x downsampling, for 7-tap mode with 4-phases.
• Resizing either YUV 4:2:2 packed data (16-bits) or color separate data (8-bit data within DDR) that is
contiguous.
• Separate/independent resizing factor for the horizontal and vertical directions.
• Upsampling and downsampling ratios that are available are: 256/N, with N ranging from 64 to 1024.
• Programmable luminance sharpening after the horizontal resizing and before the vertical resizing step.
The Resizer register memory mapping is shown in Table 6-32.
Table 6-32. Resizer Register Descriptions
HEX ADDRESS RANGE
REGISTER ACRONYM
DESCRIPTION
0x01C7 0C00
PID
Peripheral Revision and Class Information
0x01C7 0C04
PCR
Peripheral Control Register
0x01C7 0C08
RSZ_CNT
Resizer Control Bits
0x01C7 0C0C
OUT_SIZE
Output Width and Height After Resizing
0x01C7 0C10
IN_START
Input Starting Information
0x01C7 0C14
IN_SIZE
Input Width and Height Before Resizing
0x01C7 0C18
SDR_INADD
Input SDRAM Address
0x01C7 0C1C
SDR_INOFF
SDRAM Offset for the Input Line
0x01C7 0C20
SDR_OUTADD
Output SDRAM Address
0x01C7 0C24
SDR_OUTOFF
SDRAM Offset for the Output Line
0x01C7 0C28
HFILT10
Horizontal Filter Coefficients 1 and 0
0x01C7 0C2C
HFILT32
Horizontal Filter Coefficients 3 and 2
0x01C7 0C30
HFILT54
Horizontal Filter Coefficients 5 and 4
0x01C7 0C34
HFILT76
Horizontal Filter Coefficients 7 and 6
0x01C7 0C38
HFILT98
Horizontal Filter Coefficients 9 and 8
0x01C7 0C3C
HFILT1110
Horizontal Filter Coefficients 11 and 10
0x01C7 0C40
HFILT1312
Horizontal Filter Coefficients 13 and 12
0x01C7 0C44
HFILT1514
Horizontal Filter Coefficients 15 and 14
0x01C7 0C48
HFILT1716
Horizontal Filter Coefficients 17 and 16
0x01C7 0C4C
HFILT1918
Horizontal Filter Coefficients 19 and 18
0x01C7 0C50
HFILT2120
Horizontal Filter Coefficients 21 and 20
0x01C7 0C54
HFILT2322
Horizontal Filter Coefficients 23 and 22
0x01C7 0C58
HFILT2524
Horizontal Filter Coefficients 25 and 24
0x01C7 0C5C
HFILT2726
Horizontal Filter Coefficients 27 and 26
0x01C7 0C60
HFILT2928
Horizontal Filter Coefficients 29 and 28
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
215



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com