Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 213 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 213 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 209Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 210Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 211Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 212Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 213Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 214Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 215Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 216Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 217Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 306 page
background image
6.10.1.2 Preview Engine
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
Table 6-30. CCDC Register Descriptions (continued)
HEX ADDRESS RANGE
REGISTER ACRONYM
DESCRIPTION
0x01C7 0448
VDINT
VD Interrupt Timing
0x01C7 044C
ALAW
A-Law Setting
0x01C7 0450
REC656IF
REC656 Interface
0x01C7 0454
CCDCFG
CCD Configuration
0x01C7 0458
FMTCFG
Data Reformatter/Video Port Configuration
0x01C7 045C
FMT_HORZ
Data Reformatter/Video Input Interface Horizontal Information
0x01C7 0460
FMT_VERT
Data Reformatter/Video Input Interface Vertical Information
0x01C7 0464
FMT_ADDR0
Address Pointer 0 Setup
0x01C7 0468
FMT_ADDR1
Address Pointer 1 Setup
0x01C7 046C
FMT_ADDR2
Address Pointer 2 Setup
0x01C7 0470
FMT_ADDR3
Address Pointer 3 Setup
0x01C7 0474
FMT_ADDR4
Address Pointer 4 Setup
0x01C7 0478
FMT_ADDR5
Address Pointer 5 Setup
0x01C7 047C
FMT_ADDR6
Address Pointer 6 Setup
0x01C7 0480
FMT_ADDR7
Address Pointer 7 Setup
0x01C7 0484
PRGEVEN_0
Program Entries 0-7 for Even Line
0x01C7 0488
RRGEVEN_1
Program Entries 8-15 for Even Line
0x01C7 048C
PRGGODD_0
Program Entries 0-7 for Odd Line
0x01C7 0490
PRGGODD_1
Program Entries 8-15 for Odd Line
0x01C7 0494
VP_OUT
Video Port Output Settings
The preview engine transforms raw unprocessed image/video data from a sensor (CMOS or CCD) into
YCbCr 4:2:2 data. The output of the preview engine is used for both video compression and external
display devices such as a NTSC/PAL analog encoder or a digital LCD. The following features are
supported by the preview engine.
• Accepts conventional Bayer pattern formats.
• Input image/video data from either the CCD/CMOS controller or the DDR2 memory.
• Output width up to 1280 pixels wide.
• Automatic/mandatory cropping of pixels/lines when edge processing is performed. If all the
corresponding modules are enabled, a total of 14 pixels per line (7 left most and 7 right most) and 8
lines (4 top most and 4 bottom most) will not be output.
• Simple horizontal averaging (by factors of 2, 4, or 8) to handle input widths that are greater than 1280
(plus the cropped number) pixels wide.
• Dark frame capture to DDR2.
• Dark frame subtraction for every input raw data frame, fetched from DDR2, pixel-by-pixel to improve
video quality.
• Lens shading compensation. Each input pixel is multiplied with a corresponding 8-bit gain value and
the result is right shifted by a programmable parameter (0-7 bits).
• A-law decompression to transform non-linear 8-bit data to 10-bit linear data. This feature allows data in
DDR2 to be 8-bits, which saves 50% of the area if the input to the preview engine is from the DDR2.
• Horizontal median filter for reducing temperature induced noise in pixels.
• Programmable noise filter that operates on a 3x3 grid of the same color (effectively, this is a five line
storage requirement).
• Digital gain and white balance (color separate gain for white balance).
• Programmable CFA interpolation that operates on a 5x5 grid.
• Conventional Bayer pattern RGB and complementary color sensors.
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com