Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 210 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 210 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 206Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 207Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 208Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 209Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 210Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 211Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 212Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 213Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 214Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 306 page
background image
6.9.4
DDR2 Memory Controller
6.9.4.1 DDR2 Memory Controller Electrical Data/Timing
TMS320DM6437
Digital Media Processor
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
The DDR2 Memory Controller is a dedicated interface to DDR2 SDRAM. It supports JESD79D-2A
standard compliant DDR2 SDRAM Devices and can interface to either 16-bit or 32-bit DDR2 SDRAM
devices. For details on the DDR2 Memory Controller, see the TMS320DM643x DMP DDR2 Memory
Controller User’s Guide (literature number SPRU986).
DDR2 SDRAM plays a key role in a DaVinci-based system. Such a system is expected to require a
significant amount of high-speed external memory for:
• Buffering of input image data from sensors or video sources
• Intermediate buffering for processing/resizing of image data in the VPFE
• Numerous OSD display buffers
• Intermediate buffering for large raw Bayer data image files while performing image processing
functions
• Buffering for intermediate data while performing video encode and decode functions
• Storage of executable code for the DSP
A memory map of the DDR2 Memory Controller registers is shown in Table 6-26.
Table 6-26. DDR2 Memory Controller Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0x01C4 004C
DDRVTPER
DDR2 VTP Enable Register
0x01C4 2038
DDRVTPR
DDR2 VTP Register
0x2000 0000 - 0x2000 0003
-
Reserved
0x2000 0004
SDRSTAT
SDRAM Status Register
0x2000 0008
SDBCR
SDRAM Bank Configuration Register
0x2000 000C
SDRCR
SDRAM Refresh Control Register
0x2000 0010
SDTIMR
SDRAM Timing Register
0x2000 0014
SDTIMR2
SDRAM Timing Register 2
0x2000 0020
PBBPR
Peripheral Bus Burst Priority Register
0x2000 0024 - 0x2000 00BF
-
Reserved
0x2000 00C0
IRR
Interrupt Raw Register
0x2000 00C4
IMR
Interrupt Masked Register
0x2000 00C8
IMSR
Interrupt Mask Set Register
0x2000 00CC
IMCR
Interrupt Mask Clear Register
0x2000 00D0 - 0x2000 00E3
-
Reserved
0x2000 00E4
DDRPHYCR
DDR PHY Control Register
0x2000 00E8 - 0x2000 00EF
-
Reserved
0x2000 00F0
VTPIOCR
DDR VTP IO Control Register
0x2000 00F4 - 0x2000 7FFF
-
Reserved
The Implementing DDR2 PCB Layout on the TMS320DM643x DMP DMSoC Application Report (literature
number SPRAAL6) specifies a complete DDR2 interface solution for the DM6437 as well as a list of
compatible DDR2 devices. TI has performed the simulation and system characterization to ensure all
DDR2 interface timings in this solution are met.
TI only supports board designs that follow the guidelines outlined in the Implementing DDR2 PCB Layout
on the TMS320DM643x DMP DMSoC Application Report (literature number SPRAAL6).
Peripheral Information and Electrical Specifications
210
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com