Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 218 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 218 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 214Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 215Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 216Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 217Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 218Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 219Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 220Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 221Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 222Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 306 page
background image
TMS320DM6437
Digital Media Processor
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
> region1 > region2 > region3.
• Interface to conventional Bayer pattern. Each region can accumulate either 3 or 4 colors.
• 32, 64, 128, or 256 bins per color per region.
• 32, 64, or 128 bins per color for 2 regions.
• 32 or 64 bins per color for 3 or 4 regions.
• Automatic clear of histogram RAM after an ARM read.
• Saturation of the pixel count if the count exceeds the maximum value (each memory location is 20-bit
wide).
• Downshift ranging from 0 to 7 bits (maximum bin range 128).
• The last bin (highest range of values) will accumulate any value that is higher than the lower bound.
The Histogram register memory mapping is shown in Table 6-34.
Table 6-34. Histogram Register Descriptions
HEX ADDRESS RANGE
REGISTER ACRONYM
DESCRIPTION
0x01C7 1000
PID
Peripheral Revision and Class Information Register
0x01C7 1004
PCR
Peripheral Control Register
0x01C7 1008
HIST_CNT
Histogram Control Bits Register
0x01C7 100C
WB_GAIN
White/Channel Balance Settings Register
0x01C7 1010
R0_HORZ
Region 0 Horizontal Information Register
0x01C7 1014
R0_VERT
Region 0 Vertical Information Register
0x01C7 1018
R1_HORZ
Region 1 Horizontal Information Register
0x01C7 101C
R1_VERT
Region 1 Vertical Information Register
0x01C7 1020
R2_HORZ
Region 2 Horizontal Information Register
0x01C7 1024
R2_VERT
Region 2 Vertical Information Register
0x01C7 1028
R3_HORZ
Region 3 Horizontal Information Register
0x01C7 102C
R3_VERT
Region 3 Vertical Information Register
0x01C7 1030
HIST_ADDR
Histogram Address for Data to be Read Register
0x01C7 1034
HIST_DATA
Histogram Data That is Read From the Memory Register
0x01C7 1038
RADD
Read Address From DDR2 Memory Register
0x01C7 103C
RADD_OFF
Read Address Offset for Each Line in the DDR2 Memory Register
0x01C7 1040
H_V_INFO
Horizontal/Vertical Information Register (Horizontal/Vertical Number of
Pixels When Data is Read From DDR2 Memory Information Register)
Peripheral Information and Electrical Specifications
218
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com