Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 292 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 292 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 288Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 289Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 290Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 291Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 292Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 293Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 294Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 295Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 296Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 306 page
background image
VLYNQ_CLK
VLYNQ_TXD[3:0]
VLYNQ_RXD[3:0]
1
2
3
4
Data
Data
TMS320DM6437
Digital Media Processor
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
Table 6-109. Timing Requirements for Receive Data for the VLYNQ Module(1) (see Figure 6-54)
-7/-6/-5/-4
-L/-Q6/-Q5/-Q4
NO.
UNIT
MIN
MAX
RTM disabled, RTM sample = 3
1.75
ns
Setup time, VLYNQ_RXD[3:0] valid before
3
tsu(RXDV-VCLKH)
VLYNQ_CLK high
RTM enabled
(1)
ns
RTM disabled, RTM sample = 3
3
ns
Hold time, VLYNQ_RXD[3:0] valid after
4
th(VCLKH-RXDV)
VLYNQ_CLK high
RTM enabled
(1)
ns
(1)
The VLYNQ receive timing manager (RTM) is a serial receive logic designed to eliminate setup and hold violations that could occur in
traditional input signals. RTM logic automatically selects the setup and hold timing from one of eight data flops (see Table 6-110). When
RTM logic is disabled, the setup and hold timing from the default data flop (3) is used.
Table 6-110. RTM RX Data Flop Hold/Setup Timing
Constraints (Typical Values)
RX Data Flop
HOLD (Y)
SETUP (X)
0
1.3
0.9
1
1.4
0.7
2
1.5
-0.4
3
1.6
-0.6
4
1.8
-0.8
5
2.0
-1.0
6
2.2
-1.1
7
2.4
-1.2
Figure 6-54. VLYNQ Transmit/Receive Timing
292
Peripheral Information and Electrical Specifications
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com