Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 293 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 293 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 289Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 290Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 291Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 292Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 293Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 294Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 295Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 296Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 297Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 306 page
background image
6.23 General-Purpose Input/Output (GPIO)
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
The GPIO peripheral provides general-purpose pins that can be configured as either inputs or outputs.
When configured as an output, a write to an internal register can control the state driven on the output pin.
When configured as an input, the state of the input is detectable by reading the state of an internal
register. In addition, the GPIO peripheral can produce CPU interrupts and EDMA events in different
interrupt/event generation modes. The GPIO peripheral provides generic connections to external devices.
The GPIO pins are grouped into banks of 16 pins per bank (i.e., bank 0 consists of GP[0:15]).
The DM6437 GPIO peripheral supports the following:
• Up to 111 3.3-V GPIO pins, GP[0:110]
• Interrupts:
–
Up to 8 unique GP[0:7] interrupts from Bank 0
–
7 GPIO bank (aggregated) interrupt signals from each of the 7 banks of GPIOs
–
Interrupts can be triggered by rising and/or falling edge, specified for each interrupt capable GPIO
signal
• DMA events:
–
Up to 8 unique GPIO DMA events from Bank 0
–
7 GPIO bank (aggregated) DMA event signals from each of the 7 banks of GPIOs
• Set/clear functionality: Firmware writes 1 to corresponding bit position(s) to set or to clear GPIO
signal(s). This allows multiple firmware processes to toggle GPIO output signals without critical section
protection (disable interrupts, program GPIO, re-enable interrupts, to prevent context switching to
anther process during GPIO programming).
• Separate Input/Output registers
• Output register in addition to set/clear so that, if preferred by firmware, some GPIO output signals can
be toggled by direct write to the output register(s).
• Output register, when read, reflects output drive status. This, in addition to the input register reflecting
pin status and open-drain I/O cell, allows wired logic be implemented.
The memory map for the GPIO registers is shown in Table 6-111. For more detailed information on
GPIOs, see the TMS320DM643x DMP General-Purpose Input/Output (GPIO) User's Guide (literature
number SPRU988).
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
293



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com