Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 297 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 297 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 293Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 294Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 295Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 296Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 297Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 298Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 299Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 300Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 301Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 297 / 306 page
background image
6.24 IEEE 1149.1 JTAG
6.24.1
JTAG ID (JTAGID) Register Description(s)
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
The JTAG(3) interface is used for BSDL testing and emulation of the DM6437 device.
TRST only needs to be released when it is necessary to use a JTAG controller to debug the device or
exercise the device's boundary scan functionality. Note: TRST is synchronous and must be clocked by
TCK; otherwise, the boundary scan logic may not respond as expected after TRST is asserted.
For maximum reliability, DM6437 includes an internal pulldown (IPD) on the TRST pin to ensure that
TRST will always be asserted upon power up and the device's internal emulation logic will always be
properly initialized.
JTAG controllers from Texas Instruments actively drive TRST high. However, some third-party JTAG
controllers may not drive TRST high but expect the use of a pullup resistor on TRST.
When using this type of JTAG controller, assert TRST to initialize the device after powerup and externally
drive TRST high before attempting any emulation or boundary scan operations.
(3)
IEEE Standard 1149.1-1990 Standard-Test-Access Port and Boundary Scan Architecture.
Table 6-114. JTAG ID (JTAGID) Register
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
COMMENTS
Read-only. Provides 32-bit
0x01C4 0028
JTAGID
JTAG Identification Register
JTAG ID of the device.
The JTAG ID register is a read-only register that identifies to the customer the JTAG/Device ID. For the
DM6437 device, the JTAG ID register resides at address location 0x01C4 0028. For the actual register bit
names and their associated bit field descriptions, see Figure 6-56 and Table 6-115.
31-28
27-12
11-1
0
VARIANT (4-Bit)
PART NUMBER (16-Bit)
MANUFACTURER (11-Bit)
LSB
R-n
R-1011 0111 0010 0001
R-0000 0010 111
R-1
LEGEND: R = Read, W = Write, n = value at reset
Figure 6-56. JTAG ID (JTAGID) Register—0x01C4 0028
Table 6-115. JTAG ID (JTAGID) Register Selection Bit Descriptions
BIT
NAME
DESCRIPTION
31:28
VARIANT
Variant (4-Bit) value. A read from this field always returns 0b0000.
27:12
PART NUMBER
Part Number (16-Bit) value. DM6437 value: 1011 0111 0010 0001.
11-1
MANUFACTURER
Manufacturer (11-Bit) value. DM6437 value: 0000 0010 111.
0
LSB
LSB. This bit is read as a "1" for DM6437.
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
297



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com