Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 132 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 132 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 128Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 129Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 130Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 131Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 132Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 133Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 134Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 135Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 136Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 306 page
background image
TMS320DM6437
Digital Media Processor
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
3.7.3.13.3 EMIFA/VPSS Sub-Block 0 Configuration Choices
Table 3-43 through Table 3-49 show the configuration choices in the EMIFA/VPSS Sub-Block 0. For
instructions on how to use the different configuration choices tables for the EMIFA/VPSS Block and
Sub-Blocks, see Section 3.7.3.13.1. Note: Italics in these tables indicate mandatory settings for a given
Minor Configuration option.
Before using Table 3-43 through Table 3-49 to configure the details of the EMIFA/VPSS Sub-Block 0, the
user should first select a Major Configuration Option for the EMIFA/VPSS Block (see Section 3.7.3.13.2).
After determining the Major Configuration Option (A, B, C, D, E, F, or G), the user can now use Table 3-43
through Table 3-49 to refine Sub-Block 0 pin selections:
1. Go to the table with the Major Configuration Option chosen from Table 3-42.
2. Each Major Configuration Option is further divided down into multiple Minor Configuration Options.
Select a Minor Configuration Option that best suits the application need.
3. Within the chosen Minor Configuration Option, further refine the detailed pin configurations by selecting
the settings of PINMUX0 fields CCDCSEL, HVDSEL, CWENSEL, CFLDSEL, CI10SEL, CI32SEL,
CI54SEL, and CI76SEL.
4. The PINMUX Selection Fields columns show the settings needed to program the PINMUX0 register
and PINMUX1.PCIEN field.
Table 3-43. EMIFA/VPSS Sub-Block 0 Configuration Choice A(1)
MAJOR
MINOR
PINMUX SELECTION FIELDS
RESULTING PERIPHERALS/PINS
CONFIG
CONFIG
PCIEN
AEM
AEAW
OTHERS
PCI
EMIFA
VPFE
# GPIO PINS
OPTION
OPTION
Cfg Summary
No PCI
No EMIFA
No CCDC
21 GP pins
0 = GP[54,
CCDCSEL = 0
43:36]
HVDSEL = 0
0 = GP[53:52]
CWENSEL = 0
0 = GP[35]
A1
0
000
000
CFLDSEL = 0
0 = GP[34]
-
-
-
CI10SEL = 0
0 = GP[45:44]
CI32SEL = 0
0 = GP[47:46]
CI54SEL = 0
0 = GP[49:48]
CI76SEL = 0
0 = GP[51:50]
A
8-to-16-bit
0-to-12 GP
Cfg Summary
No PCI
No EMIFA
CCDC
pins
1 = PCLK,
CCDCSEL = 1
-
YI[7:0]
HVDSEL = 0,1
1 = VD, HD
0 = GP[53:52]
CWENSEL = 0,1
1 = C_WE
0 = GP[35]
A2
0
000
000
CFLDSEL = 0,1
1 = C_FIELD
0 = GP[34]
-
-
CI10SEL = 0,1
1 = CI[1:0]
0 = GP[45:44]
CI31SEL = 0,1
1 = CI[3:2]
0 = GP[47:46]
CI54SEL = 0,1
1 = CI[5:4]
0 = GP[49:48]
CI76SEL = 0,1
1 = CI[7:6]
0 = GP[51:50]
(1)
Italics indicate mandatory settings for a given Minor Configuration option.
132
Device Configurations
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com