Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 130 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 130 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 126Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 127Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 128Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 129Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 130Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 131Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 132Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 133Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 134Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 306 page
background image
TMS320DM6437
Digital Media Processor
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
Table 3-42. EMIFA/VPSS Block Major Configuration Choices
PINMUX SELECTION FIELDS
(1)
RESULTING PERIPHERALS/PINS
MAJOR
CONFIG.
VPBE AND # GP PINS
VPFE AND # GP PINS
PCIEN
AEM
VENCSEL
CCDCSEL
PCI
(2)
EMIFA
OPTION
(FROM GP[33:5])
(FROM GP[54:34])
VENCSEL
VPBE & # GP Pins
CCDCSEL
VPFE & # GP Pins
No VENC
00
29 GP pins
No CCDC
0
21 GP pins
8-bit VENC
A
0
000
00, 01, 10
0, 1
-
-
01
8-to-29-GP pins
16-to-24-bit VENC
8-to-16-bit CCDC
10
1
0-to-12 GP pins
0-to-12 GP pins
No VENC
No CCDC
8-bit EMIFA (ASYNC)
00
0
9-to-13 GP pins
11-to-19 GP pins
Pinout Mode 1 with address
B
0
001
(3)
00, 01
0, 1
-
pins to support 32KB to 16MB
8-bit VENC
(3)
8-to-16-bit CCDC
(3)
01
(3)
1
(3)
per CS.
0-to-4 GP pins
0-to-10 GP pins
No VENC
No CCDC
8-bit EMIFA (ASYNC)
00
0
17-to-21 GP pins
12 GP pins
Pinout Mode 3 with address
C
0
011
(3)
00, 10
0, 1
-
pins to support up to 32KB per
16-bit VENC
(3)
8-bit CCDC
(3)
10
(3)
1
(3)
CS.
0-to-4 GP pins
0-to-3 GP pins
No VENC
00
22-to-26 GP pins
No CCDC
0
13 GP pins
8-bit EMIFA (NAND)
8-bit VENC
D
0
100
00, 01, 10
0, 1
-
01
Pinout Mode 4
12-to-17 GP pins
16-to-18-bit VENC
8-bit CCDC
10
1
2-to-9 GP pins
0-to-4 GP pins
No VENC
No CCDC
00
0
14-to-18 GP pins
21 GP pins
8-bit EMIFA (NAND)
E
0
101
00, 01
0, 1
-
Pinout Mode 5
8- bit VENC
8-to-16-bit CCDC
01
1
4-to-9 GP pins
0-to-12 GP pins
No VENC
00
29 GP pins
No CCDC
0
13 GP pins
8-bit VENC
F
1
000
00, 01, 10
0, 1
PCI
-
01
8-to-29 GP pins
16-to-24-bit VENC
8-bit CCDC
10
1
0-to-12 GP pins
0-to-4 GP pins
No VENC
No CCDC
00
0
14-to-18 GP pins
13 GP pins
8-bit EMIFA (NAND)
G
1
101
00, 01
0, 1
PCI
Pinout Mode 5
8-bit VENC
8-bit CCDC
01
1
4-to-9 GP pins
0-to-4 GP pins
(1)
For additional pin mux details for each Sub-Block, see Table 3-43 through Table 3-49, EMIFA/VPSS Sub-Block 0 Configuration Choices, and Table 3-50 through Table 3-54,
EMIFA/VPSS Sub-Block 1 Configuration Choices.
(2)
PCI pins span across multiple Pin Mux Blocks (Section 3.7.3.2, Peripherals Spanning Multiple Pin Mux Blocks). This table only refers to the PCI pins in the EMIFA/VPSS Block.
(3)
If PINMUX0.AEM = 001 or 011, it is not possible to get LCD_FIELD pin for VPBE, nor C_WE pin for VPFE.
130
Device Configurations
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com