Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 126 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 126 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 122Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 123Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 124Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 125Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 126Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 127Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 128Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 129Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 130Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 306 page
background image
3.7.3.11 PWM1 Block
TMS320DM6437
Digital Media Processor
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
This block of 1 pin consists of PWM1 and GPIO muxed pins (GP[4]/PWM1). The PINMUX1.PWM1BK
register field selects the pin function in the PWM1 Block.
Table 3-38 summarizes the 1 pin in the PWM1 Block, its multiplexed function, and the PINMUX
configurations to select the corresponding function.
Table 3-38. PWM1 Block Muxed Pin Selection
MULTIPLEXED FUNCTIONS
SIGNAL
PWM1
GPIO
NAME
FUNCTION
SELECT
FUNCTION
SELECT
GP[4]/PWM1
PWM1
PWM1BK = 1
GP[4]
PWM1BK = 0
Table 3-39 provides a different view of the PWM1 Block pin muxing, showing the PWM1 Block function
based on PINMUX1.PWM1BK setting. The selection options are also shown pictorially in Figure 3-11.
Table 3-39. PWM1 Block Function Selection
PINMUX1.PWM1BK
BLOCK FUNCTION
RESULTING PIN FUNCTIONS
0
GPIO (1) (default)
GPIO: GP[4]
1
PWM1
PWM1: PWM1
In addition, the VDD3P3V_PWDN.PWM1 field determines the power state of the PWM1 Block pin. The
PWM1 Block pin defaults to powered down and not operational. To use this pin, user must first program
VDD3P3V_PWDN.PWM1 = 0 to power up the pin. For more details on the VDD3P3V_PWDN.PWM1 field,
see Section 3.2, Power Considerations.
Device Configurations
126
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com