Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 123 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 123 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 119Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 120Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 121Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 122Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 123Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 124Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 125Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 126Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 127Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 306 page
background image
3.7.3.9 Timer1 Block
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
This block of 2 pins consists of Timer1, HECC, UART1 Data, and GPIO muxed pins. The
PINMUX1.TIM1BK register field selects the pin functions in the Timer1 Block.
Table 3-33 summarizes the 2 pins in the Timer1 Block, the multiplexed function on each pin, and the
PINMUX configurations to select the corresponding function.
Table 3-33. Timer1 Block Muxed Pins Selection
MULTIPLEXED FUNCTIONS
SIGNAL
HECC
TIMER1
UART1
GPIO
NAME
FUNCTION
SELECT
FUNCTION
SELECT
FUNCTION
SELECT
FUNCTION
SELECT
HECC_RX/
TINP1L/
HECC_RX
TINP1L
URXD1
GP[56]
URXD1/
GP[56]
TIM1BK = 11
TIM1BK = 01
TIM1BK = 10
TIM1BK = 00
HECC_TX/
TOUT1L/
HECC_TX
TOUT1L
UTXD1
GP[55]
UTXD1/
GP[55]
Unlike UART0, UART1 only supports data pins but not flow control pins.
Table 3-34 provides a different view of the Timer1 Block pin muxing, showing the Timer1 Block function
based on PINMUX1.TIM1BK setting. The selection options are also shown pictorially in Figure 3-11.
Table 3-34. Timer1 Block Function Selection
PINMUX1.TIM1BK
BLOCK FUNCTION
RESULTING PIN FUNCTIONS
00
GPIO (2) (default)
GPIO: GP[56:55]
01
Timer1
Timer1: TINP1L, TOUT1L
10
UART1 Data
UART1: URXD1, UTXD1
11
HECC
HECC: HECC_RX, HECC_TX
In addition, the VDD3P3V_PWDN.TIMER1 field determines the power state of the Timer1 Block pins. The
Timer1 Block pins default to powered down and not operational. To use these pins, user must first
program
VDD3P3V_PWDN.TIMER1
=
0
to
power
up
the
pins.
For
more
details
on
the
VDD3P3V_PWDN.TIMER1 field, see Section 3.2, Power Considerations.
The Timer1 Block features internal pull up resistors, which matches the UART and HECC inactive polarity.
Submit Documentation Feedback
Device Configurations
123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com