Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 119 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 119 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 115Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 116Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 117Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 118Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 119Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 120Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 121Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 122Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 123Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 306 page
background image
3.7.3.5 GPIO Block Muxing
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
This block of 4 pins consists of PCI and GPIO muxed pins. The PINMUX1.PCIEN register field selects the
pin functions in the GPIO Block.
Table 3-25 summarizes the 4 pins in the GPIO Block, the multiplexed function on each pin, and the
PINMUX configurations to select the corresponding function.
Table 3-25. GPIO Block Muxed Pins Selection
MULTIPLEXED FUNCTIONS
SIGNAL
PCI
GPIO
NAME
FUNCTION
SELECT
FUNCTION
SELECT
AD0/GP[0]
AD0
GP[0]
AD1/GP[1]
AD1
GP[1]
PCIEN = 1(1)
PCIEN = 0(1)
AD2/GP[2]
AD2
GP[2]
AD4/GP[3]
AD4
GP[3]
(1)
If PCIEN = 1, the internal pullup/pulldown on all GPIO Block pins are disabled. If PCIEN = 0, the internal pullup/pulldown on all GPIO
Block pins are enabled.
As discussed in Section 3.7.3.2, Peripherals Spanning Multiple Pin Mux Blocks, PCI pins span across the
following Pin Mux Blocks: Host Block, EMIFA/VPSS Block Sub-Block 0 and Sub-Block 3, PCI Data Block,
and GPIO Block. For proper PCI operation, PCI must be selected in all of these Pin Mux Blocks.
Table 3-26 provides a different view of the GPIO Block pin muxing, showing the GPIO Block function
based on PINMUX1.PCIEN setting. The selection options are also shown pictorially in Figure 3-11.
Table 3-26. GPIO Block Function Selection
PINMUX1.PCIEN
BLOCK FUNCTION
RESULTING PIN FUNCTIONS
PCI
0
PCI: AD0, AD1, AD2, AD4
(Default if PCIEN = 1)
GPIO (4)
1
GPIO: GP[3:0]
(Default if PCIEN = 0)
The PINMUX1.PCIEN field is read-only, and its setting is determined by the PCIEN configuration pin.
Based on the PCIEN configuration pin setting, the 4 pins in the GPIO Block defaults to either PCI or GPIO
function.
In addition, the VDD3P3V_PWDN.GPIO field determines the power state of the GPIO Block pins. The
GPIO Block pins default to powered up. For more details on the VDD3P3V_PWDN.GPIO field, see
Section 3.2, Power Considerations.
Submit Documentation Feedback
Device Configurations
119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com