Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 115 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 115 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 111Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 112Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 113Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 114Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 115Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 116Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 117Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 118Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 119Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 306 page
background image
3.7.3.2 Peripherals Spanning Multiple Pin Mux Blocks
3.7.3.3 Host Block Muxing
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
Some peripherals span multiple Pin Mux Blocks. To use these peripherals, they must be selected in all of
the relevant Pin Mux Blocks. The following is the list of peripherals that span multiple Pin Mux Blocks:
• PCI: PCI pins span across the Host Block, EMIFA/VPSS Block Sub-Block 0 and Sub-Block 3, PCI
Data Block, and GPIO Block. To select PCI pins, program PINMUX registers as follows:
–
Host Block: PCIEN = 1, HOSTBK = 000
–
EMIFA/VPSS Block: Select either Major Configuration Option F or G. For more details on the
PINMUX settings associated with Major Configuration Options F or G, see Section 3.7.3.13,
EMIFA/VPSS BLock Muxing.
–
PCI Data Block: PCIEN = 1
–
GPIO Block: PCIEN = 1
• McBSP0: Six McBSP0 pins are located in the Serial Port Sub-Block 0, but the CLKS0 pin is muxed in
the Timer0 Block. To select McBSP0 pins, program PINMUX registers as follows:
–
Serial Port Sub-Block 0: SPBK0 = 01
–
Timer0 Block: If CLKS0 pin is desired, program TIM0BK = 10 or 11.
• McBSP1: Six McBSP1 pins are located in the Serial Port Sub-Block 1, but the CLKS1 pin is muxed in
the Timer0 Block. To select McBSP1 pins, program PINMUX registers as follows:
–
Serial Port Sub-Block 1: SPBK1 = 01 (if both McBSP1 transmit and receive pins are needed) or
11 (if only McBSP1 transmit pins are needed)
–
Timer0 Block: If CLKS1 pin is desired, program TIM0BK = 10.
• UART0: The two UART0 data pins are located in the UART0 Data Block, but the two UART0 flow
control pins are located in the UART0 Flow Control Block. To select UART0, program PINMUX
registers as follows:
–
UART0 Data Block: UR0BK = 1
–
UART0 Flow Control Block: If flow control pins are desired, program UR0FCBK = 01.
This block of 27 pins consists of PCI, HPI, VLYNQ, EMAC, MDIO, and GPIO muxed pins. The following
register fields select the pin functions in the Host Block:
• PINMUX1.PCIEN
• PINMUX1.HOSTBK
Table 3-22 summarizes the 27 pins in the Host Block, the multiplexed function on each pin, and the
PINMUX configurations to select the corresponding function.
Submit Documentation Feedback
Device Configurations
115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com