Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 117 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 117 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 113Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 114Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 115Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 116Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 117Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 118Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 119Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 120Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 121Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 306 page
background image
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
As discussed in Section 3.7.3.2, Peripherals Spanning Multiple Pin Mux Blocks, PCI pins span across the
following Pin Mux Blocks: Host Block, EMIFA/VPSS Block Sub-Block 0 and Sub-Block 3, PCI Data Block,
and GPIO Block. For proper PCI operation, PCI must be selected in all of these Pin Mux Blocks.
Table 3-23 provides a different view of the Host Block pin muxing, showing the Host Block function based
on PINMUX1 settings. The selection options are also shown pictorially in Figure 3-11.
If EMAC operation is desired, EMAC must be placed in reset before programming PINMUX1.HOSTBK to
select EMAC pins.
Table 3-23. Host Block Function Selection
PINMUX1 SETTING
BLOCK FUNCTION
RESULTING PIN FUNCTIONS
PCIEN(1)
HOSTBK
PCI: PCICLK, PCBE2, PCBE1, PCBE0, PFRAME, PIDRDY, PTRDY,
PCI
1
000
PDEVSEL, PSTOP, PPER, PSERR, PPAR, AD[18:05], AD[03]
(Default if PCIEN = 1)
Internal pullup/pulldown on all these pins are disabled.
1
001 to 111
Reserved
Reserved
GPIO (27)
0
000
GPIO: GP[83:57]
(Default if PCIEN = 0)
HPI: HHWIL, HCNTL[1:0], HR/W, HDS2, HDS1, HRDY, HCS, HINT, HAS,
0
001
HPI + GPIO (1)
HD[15:0]
GPIO: GP[57]
VLYNQ: VLYNQ_CLOCK, VLYNQ_SCRUN, VLYNQ_RXD[3:0],
VLYNQ_TXD[3:0]
0
010
VLYNQ + GPIO (17)
GPIO: GP[83:67]
VLYNQ: VLYNQ_CLOCK, VLYNQ_SCRUN, VLYNQ_RXD[3:0],
VLYNQ_TXD[3:0]
EMAC (MII): TXCLK, CRS, COL, TXD[3:0], RXDV, TXEN, RXER, RXCLK,
0
011
VLYNQ + EMAC (MII) + MDIO
RXD[3:0]
MDIO: MDC, MDIO
If EMAC operation is desired, EMAC must be placed in reset before
programming PINMUX1.HOSTBK to select EMAC pins.
EMAC (MII): TXCLK, CRS, COL, TXD[3:0], RXDV, TXEN, RXER, RXCLK,
RXD[3:0]
MDIO: MDC, MDIO
0
100
EMAC (MII) + MDIO + GPIO (10)
GPIO: GP[66:57]
If EMAC operation is desired, EMAC must be placed in reset before
programming PINMUX1.HOSTBK to select EMAC pins.
0
101 to 111
Reserved
Reserved
(1)
If PCIEN = 1, the internal pullup/pulldown on all Host Block pins are disabled. If PCIEN = 0, the internal pullup/pulldown on all Host
Block pins are enabled.
The PINMUX1.PCIEN field is read-only, and its setting is determined by the PCIEN configuration pin.
Based on the PCIEN configuration pin setting, the 27 pins in the Host Block defaults to either PCI or GPIO
function.
In addition, the VDD3P3V_PWDN.HOST field determines the power state of the Host Block pins. The
Host Block pins default to powered up. For more details on the VDD3P3V_PWDN.HOST field, see
Section 3.2, Power Considerations.
Submit Documentation Feedback
Device Configurations
117



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com