Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 121 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 121 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 117Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 118Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 119Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 120Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 121Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 122Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 123Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 124Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 125Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 306 page
background image
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
As discussed in Section 3.7.3.2, Peripherals Spanning Multiple Pin Mux Blocks, the UART0 pins span
across two Pin Mux Blocks: UART0 Data Block, and UART0 Flow Control Block. For proper UART0
operation, the two pins in the UART0 Data Block must be configured for UART0 data functions. The two
pins in the UART0 Flow Control Block are optional.
Table 3-30 provides a different view of the UART0 Flow Control Block pin muxing, showing the UART0
Flow Control Block function based on PINMUX1.UR0FCBK setting. The selection options are also shown
pictorially in Figure 3-11.
Table 3-30. UART0 Flow Control Block Function Selection
PINMUX1.UR0FCBK
BLOCK FUNCTION
RESULTING PIN FUNCTIONS
00
GPIO (2) (default)
GPIO: GP[88:87]
01
UART0 Flow Control
UART0: UCTS0, URTS0
PWM0: PWM0
10
PWM0 + GPIO (1)
GPIO: GP[87]
11
Reserved
Reserved
In addition, the VDD3P3V_PWDN.UR0FC field determines the power state of the UART0 Flow Control
Block pins. The UART0 Flow Control Block pins default to powered down and not operational. To use
these pins, user must first program VDD3P3V_PWDN.UR0FC = 0 to power up the pins. For more details
on the VDD3P3V_PWDN.UR0FC field, see Section 3.2, Power Considerations.
The UART0 Flow Control Block features internal pullup resistors, which matches the UART inactive
polarity.
Submit Documentation Feedback
Device Configurations
121



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com