Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 125 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 125 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 121Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 122Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 123Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 124Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 125Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 126Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 127Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 128Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 129Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 306 page
background image
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
Table 3-36. Serial Port Sub-Block 0 Function Selection
PINMUX1.SPBK0
BLOCK FUNCTION
RESULTING PIN FUNCTIONS
00
GPIO (6) (default)
GPIO: GP[104:99]
01
McBSP0
McBSP0: CLKX0, FSX0, DX0, CLKR0, FSR0, DR0
McASP0: ACLKR0, AFSR0, AHCLKR0, AXR0[3],
10
McASP0 Receive, 3 Serializers
AXR0[2], AXR0[1]
11
Reserved
Reserved
Table 3-37. Serial Port Sub-Block 1 Function Selection
PINMUX1.SPBK1
BLOCK FUNCTION
RESULTING PIN FUNCTIONS
00
GPIO (6) (default)
GPIO: GP[110:105]
01
McBSP1
McBSP1: CLKX1, FSX1, DX1, CLKR1, FSR1, DR1
McASP0 Transmit with 1 Serializer and
McASP0: AXR0[0], ACLKX0, AFSX0, AHCLKX0,
10
Mute Control
AMUTEIN0(1), AMUTE0
McBSP1: CLKX1, FSX1, DX1
11
McBSP1 Transmit, McASP0 SPDIF
McASP0: AXR0[0], AHCLKX0, AMUTE0
(1)
The input from the AMUTEIN0/FSX1/GP[109] pin is connected to both the McASP0 and GPIO.
In addition, the VDD3P3V_PWDN.SP field determines the power state of the Serial Port Block pins. The
Serial Port Block pins default to powered down and not operational. To use these pins, user must first
program VDD3P3V_PWDN.SP = 0 to power up the pins. For more details on the VDD3P3V_PWDN.SP
field, see Section 3.2, Power Considerations.
To facilitate McASP0 operation, the input from the AMUTEIN0/FSX1/GP[109] pin is connected to both the
McASP0 and the GPIO module. Therefore when an external mute event occurs, in addition to notifying the
McASP0, it can also cause an interrupt through the GPIO module.
Submit Documentation Feedback
Device Configurations
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com