Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 127 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 127 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 123Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 124Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 125Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 126Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 127Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 128Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 129Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 130Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 131Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 306 page
background image
3.7.3.12 CLKOUT Block
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
This block of 1 pin consists of CLKOUT, PWM2, and GPIO muxed pin (CLKOUT0/PWM2/GP[84]). The
PINMUX1.CKOBK register field selects the pin function in the CLKOUT Block.
Table 3-40 summarizes the 1 pin in the CLKOUT Block, its multiplexed function, and the PINMUX
configurations to select the corresponding function.
Table 3-40. CLKOUT Block Multiplexed Pin Selection
MULTIPLEXED FUNCTIONS
SIGNAL
CLKOUT0
PWM2
GPIO
NAME
FUNCTION
SELECT
FUNCTION
SELECT
FUNCTION
SELECT
CLKOUT0/
PWM2/
CLKOUT0
CKOBK = 01
PWM2
CKOBK = 10
GP[84]
CKOBK = 00
GP[84]
Table 3-41 provides a different view of the CLKOUT Block pin muxing, showing the CLKOUT Block
function based on PINMUX1.CKOBK setting. The selection options are also shown pictorially in
Figure 3-11.
Table 3-41. CLKOUT Block Function Selection
PINMUX1.CKOBK
BLOCK FUNCTION
RESULTING PIN FUNCTIONS
00
GPIO (1)
GPIO: GP[84]
01
CLKOUT (default)
Device Clock-Out: CLKOUT0
10
PWM2
PWM2: PWM2
11
Reserved
Reserved
This block defaults to CLKOUT0 pin function.
In addition, the VDD3P3V_PWDN.CLKOUT field determines the power state of the CLKOUT Block pin.
The CLKOUT Block pin defaults to powered up. For more details on the VDD3P3V_PWDN.CLKOUT field,
see Section 3.2, Power Considerations.
Submit Documentation Feedback
Device Configurations
127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com