Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 118 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 118 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 114Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 115Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 116Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 117Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 118Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 119Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 120Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 121Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 122Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 306 page
background image
3.7.3.4
PCI Data Block
TMS320DM6437
Digital Media Processor
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
This block of 3 pins consists of 3 PCI Address/Data pins—AD30, AD28, AD26. The PINMUX1.PCIEN
register field affects the pin functions in the PCI Data Block.
As discussed in Section 3.7.3.2, Peripherals Spanning Multiple Pin Mux Blocks, PCI pins span across the
following Pin Mux Blocks: Host Block, EMIFA/VPSS Block Sub-Block 0 and Sub-Block 3, PCI Data Block,
and GPIO Block. For proper PCI operation, PCI must be selected in all of these Pin Mux Blocks.
The 3 pins in the PCI Data Block are not muxed with any other peripherals. However, the
PINMUX1.PCIEN field controls the internal pullup/pulldown resistors on these pins. For PCI operation
(PCIEN = 1), the internal pullup/pulldown resistors are disabled. If the device does not support PCI
(PCIEN = 0), the internal pullup/pulldown resistors on these pins are enabled so that the user can leave
these pins unconnected on the board.
Table 3-24 shows the Host Block pin selection based on PINMUX1.PCIEN setting.
Table 3-24. PCI Data Block Pin Control
PINMUX1.PCIEN
BLOCK FUNCTION
RESULTING PIN FUNCTIONS
No Connect Pins
No Connect Pins
0
(Default if PCIEN = 0)
Internal pullup/pulldown enabled. Leave these three pins unconnected on the board.
PCI
1
PCI: AD26, AD28, AD30
(Default if PCIEN = 1)
Device Configurations
118
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com