Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8232 Datasheet(PDF) 46 Page - Cirrus Logic

Part # WM8232
Description  105MSPS 3-Channel AFE with Sensor
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8232 Datasheet(HTML) 46 Page - Cirrus Logic

Back Button WM8232 Datasheet HTML 42Page - Cirrus Logic WM8232 Datasheet HTML 43Page - Cirrus Logic WM8232 Datasheet HTML 44Page - Cirrus Logic WM8232 Datasheet HTML 45Page - Cirrus Logic WM8232 Datasheet HTML 46Page - Cirrus Logic WM8232 Datasheet HTML 47Page - Cirrus Logic WM8232 Datasheet HTML 48Page - Cirrus Logic WM8232 Datasheet HTML 49Page - Cirrus Logic WM8232 Datasheet HTML 50Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 141 page
background image
WM8232
46
Rev 4.6
AUTOMATIC GAIN CONTROL (AGC)
The Automatic Gain Control (AGC) function is to adjust the gain to an appropriate level for a range of
input signal levels. The AGC function is enabled by AGC_EN register set to 1. The gain control
process has three stages as shown in Figure 32 below:
AGAIN
AGAIN
0
PEAK
(read only)
Peak
(1)
Peak
(2)
DGAIN
DGAIN
0
AGAIN
DGAIN
Again(N)
DGAIN(x1)
AGC_EN
PEAK_DET
(internal)
Status
of AGC
N line = AGC_APD[2:0]
M line = AGC_DPD[2:0]
1line
Gain caluculation
FLAG_AGC
(read only)
Dgain(M)
SPI
SP
I
Cleared peak
value
First rising edge of
PEAK_DET after
AGE_EN=0
Disable
Peak detection for analogue gain
Peak detection for digital gain
Applied calibrated gain
Disable
Peak
(N)
Peak
(1)
Peak
(2)
Peak
(M)
Figure 32 Automatic Gain Control
Analogue Gain Calibration
The analogue gain is kept to the previous setting for (AGAIN), and the digital gain is set to x1
(DGAIN=12’d2048) automatically. During the PEAK_DET=high period, peak detection is executed and
then calculates an appropriate analogue gain (Again(N)) while PEAK_DET=low period. This period
requires at least 200 pixels. The number of peak detection cycle is selectable by the AGC_APD
register. The minimum cycle is 0 (In this case the analogue gain calibration is not executed), and the
maximum cycle is 7 lines. The peak value is cleared when the analogue peak detection finished.
Digital Gain Calibration
The analogue gain is set to the calibrated value (Again(N)), and the digital gain is set to x1
(DGAIN=12’d2048) automatically. The peak detection and digital gain calibration functions are then
executed. The number of peak detection lines is selectable by the AGC_DPD register. The minimum
cycle is 0 (In this case the digital gain calibration is not executed), and the maximum cycle is 7 lines.
Applied Calibrated Analogue and Digital Gain
The analogue and digital gain are holding calibrated value until AGC_EN register set to 0.
Again(N) = AGC_TARGETINP* / peak(n) x AGAIN
Dgain(M) = (AGC_TARGETINP*
– TARGETINP*) / (peak(M) – TARGETINP*)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com