Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8232 Datasheet(PDF) 1 Page - Cirrus Logic

Part # WM8232
Description  105MSPS 3-Channel AFE with Sensor
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8232 Datasheet(HTML) 1 Page - Cirrus Logic

  WM8232 Datasheet HTML 1Page - Cirrus Logic WM8232 Datasheet HTML 2Page - Cirrus Logic WM8232 Datasheet HTML 3Page - Cirrus Logic WM8232 Datasheet HTML 4Page - Cirrus Logic WM8232 Datasheet HTML 5Page - Cirrus Logic WM8232 Datasheet HTML 6Page - Cirrus Logic WM8232 Datasheet HTML 7Page - Cirrus Logic WM8232 Datasheet HTML 8Page - Cirrus Logic WM8232 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 141 page
background image
105MSPS 3-Channel AFE with Sensor
Timing Generation and LVDS/CMOS Data Output
http://www.cirrus.com
Copyright
 Cirrus Logic, Inc., 2010–2016
(All Rights Reserved)
Rev 4.6
APR
‘16
WM8232
DESCRIPTION
The WM8232 is a 16-bit analogue front end/digitiser IC
which processes and digitises the analogue output signals
from CCD sensors or Contact Image Sensors (CIS) at pixel
sample rates of up to 35MSPS per channel.
The device has three analogue signal processing channels
each of which contains Reset Level Clamping, Correlated
Double Sampling (also Sample and Hold), Programmable
Gain, Automatic Gain Control (AGC) and Offset adjust
functions.
The output from each of these channels is time multiplexed,
in pairs, into three high-speed 16-bit Analogue to Digital
Converters.
The digital data is available in a variety of
output formats via the flexible data port.
The WM8232 has a user selectable LVDS or CMOS output
architecture.
An internal 5-bit DAC is supplied for internal reference level
generation. This may be used during CDS to reference CIS
signals or during clamping to clamp CCD signals. An
external reference level may also be supplied. ADC
references are generated internally, ensuring optimum
performance from the device.
A programmable automatic Black-Level Calibration function
is available to adjust the DC offset of the output data.
The WM8232 features a sensor timing clock generator for
both CCD and CIS sensors. The clock generator can accept
a slow or fast reference clock input and also has a flexible
timing adjustment function for output timing clocks to allow
use of many different sensors.
FEATURES
105MSPS conversion rate
16-bit ADC resolution
Current consumption
– 230mA
3.3V single supply operation
Sample and hold /correlated double sampling
Programmable offset adjust (8-bit resolution)
Flexible clamp timing
Pixel clamp / line clamp mode
Programmable clamp voltage
Programmable CIS/CCD timing generator
Internally generated voltage references
Compliant for Spread Spectrum Clock
LVDS/CMOS output options
-
LVDS 5pair 490MHz 35-bit data
-
CMOS 90MHz output maximum
Complete on chip clock generator. MCLK 5MHz to 35MHz
Internal timing adjustment
Automatic Gain Control
Automatic Black Level Calibration
56-lead QFN package 8mm x 8mm
Serial control interface
APPLICATIONS
Digital copiers
USB2.0 compatible scanners
Multi-function peripherals
High-speed CCD/CIS sensor interface


Similar Part No. - WM8232

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8232 WOLFSON-WM8232 Datasheet
270Kb / 15P
70MSPS 3-Channel AFE with Sensor Timing Generation and LVDS/CMOS Data Output
WM8232GEFL/RV WOLFSON-WM8232GEFL/RV Datasheet
270Kb / 15P
70MSPS 3-Channel AFE with Sensor Timing Generation and LVDS/CMOS Data Output
WM8232GEFL/V WOLFSON-WM8232GEFL/V Datasheet
270Kb / 15P
70MSPS 3-Channel AFE with Sensor Timing Generation and LVDS/CMOS Data Output
More results

Similar Description - WM8232

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP90100 TI1-LMP90100 Datasheet
1Mb / 63P
Sensor AFE System: Multi-Channel, Low Power 24-Bit Sensor AFE with True Continuous Background Calibration
LMP91002 TI1-LMP91002 Datasheet
509Kb / 21P
Sensor AFE System: Configurable AFE Potentiostat
logo
Wolfson Microelectronic...
WM8232 WOLFSON-WM8232 Datasheet
270Kb / 15P
70MSPS 3-Channel AFE with Sensor Timing Generation and LVDS/CMOS Data Output
logo
Texas Instruments
LMP90077 TI1-LMP90077_16 Datasheet
1Mb / 70P
Sensor AFE System: Multi-Channel, Low-Power 16-Bit Sensor AFE
LMP90080-Q1 TI1-LMP90080-Q1 Datasheet
1Mb / 65P
Multi-Channel 16-Bit Sensor AFE with Background Calibration
LMP91000 TI1-LMP91000_14 Datasheet
628Kb / 31P
Sensor AFE System
logo
Cirrus Logic
WM8224 CIRRUS-WM8224 Datasheet
847Kb / 50P
60MSPS 3-Channel AFE with Multiple Device Operation
WM8233 CIRRUS-WM8233 Datasheet
3Mb / 146P
210MSPS 6-Channel AFE with Sensor
WM8234 CIRRUS-WM8234 Datasheet
3Mb / 144P
140MSPS 6-Channel AFE with Sensor
WM8235 CIRRUS-WM8235 Datasheet
3Mb / 154P
210MSPS 9-Channel AFE with Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com