Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8232 Datasheet(PDF) 17 Page - Cirrus Logic

Part # WM8232
Description  105MSPS 3-Channel AFE with Sensor
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8232 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button WM8232 Datasheet HTML 13Page - Cirrus Logic WM8232 Datasheet HTML 14Page - Cirrus Logic WM8232 Datasheet HTML 15Page - Cirrus Logic WM8232 Datasheet HTML 16Page - Cirrus Logic WM8232 Datasheet HTML 17Page - Cirrus Logic WM8232 Datasheet HTML 18Page - Cirrus Logic WM8232 Datasheet HTML 19Page - Cirrus Logic WM8232 Datasheet HTML 20Page - Cirrus Logic WM8232 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 141 page
background image
WM8232
Rev 4.6
17
DEVICE DESCRIPTION
INTRODUCTION
A block diagram of the device showing the signal path is presented on the front page of this
datasheet.
The WM8232 samples up to three inputs (IN1, IN2 and IN3) simultaneously. The device then
processes the sampled video signal with respect to the video reset level or an internally/externally
generated reference level using between one and six processing channels.
Each processing channel consists of an Input Sampling block with optional Reset Level Clamping
(RLC) and Correlated Double Sampling (CDS), an 8-bit programmable offset DAC and a 12-bit
Programmable Gain Amplifier (PGA).
The ADC then converts each resulting analogue signal to a digital word. The digital output from the
ADC is presented in a variety of possible output formats in LVDS and CMOS format.
On-chip control registers determine the configuration of the device, including the offsets and gains
applied to each channel. These registers are programmable via a serial interface.
The device has an automatic Black-Level Calibration function which allows the D.C. offset determined
during the optically-black pixels at the beginning of the linear sensor to be removed during the image-
pixels.
The WM8232 also has an Automatic Gain Control function which automatically adjusts the gain to an
appropriate level for a detected input level.
The device incorporates a sensor timing generation function which allows CCD and CMOS sensor
timing to be controlled directly from the device using internal clock generation and register settings.
RESET LEVEL CLAMPING (RLC)
To ensure that the signal applied to the WM8232 lies within the supply voltage range (0V to AVDD),
the output signal from a CCD is usually level shifted by coupling through a capacitor, CIN. The RLC
circuit clamps the WM8232 side of this capacitor to a suitable voltage through a CMOS switch during
the CCD reset period (pixel clamping) or during the black pixels (line clamping). In order for clamping
to produce correct results the input voltage during the clamping must be a constant value.
Note that if the A.C. coupling capacitor (CIN) is used in non-CDS mode (CDS=0), then to minimise
code drift, line clamping should be used and internal input voltage buffers enabled using the SF_INP
and SF_VRLC register bit. Alternatively, if the input signal contains a stable reference/reset level, then
pixel clamping should be used, and the voltage buffers need not be enabled.
The WM8232 allows the user to control the RLC switch in a variety of ways as illustrated in Figure 10.
This figure shows a single channel; however, all 3 channels are identical, each with its own clamp
switch controlled by the common CLMP signal.
The method of control chosen depends upon the characteristics of the input video. The VRLCEN
register bit must be set to 1 to enable clamping; otherwise, the RLC switch cannot be closed (by
default VRLCEN=1).
Note that unused inputs should be left floating, or grounded through a decoupling capacitor, if reset
level clamping is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com