Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8232 Datasheet(PDF) 83 Page - Cirrus Logic

Part # WM8232
Description  105MSPS 3-Channel AFE with Sensor
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8232 Datasheet(HTML) 83 Page - Cirrus Logic

Back Button WM8232 Datasheet HTML 79Page - Cirrus Logic WM8232 Datasheet HTML 80Page - Cirrus Logic WM8232 Datasheet HTML 81Page - Cirrus Logic WM8232 Datasheet HTML 82Page - Cirrus Logic WM8232 Datasheet HTML 83Page - Cirrus Logic WM8232 Datasheet HTML 84Page - Cirrus Logic WM8232 Datasheet HTML 85Page - Cirrus Logic WM8232 Datasheet HTML 86Page - Cirrus Logic WM8232 Datasheet HTML 87Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 141 page
background image
WM8232
Rev 4.6
83
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
AGC config 1
0000 = no average
0001 = 2
0010 = 4
0011 = 8
…
1010 = 1024
1011 = reserved
1100 = reserved
1101 = reserved
1110 = reserved
1111 = reserved
2
AGC_ERRFLAG
0
AGC error flag
0 = no error detected
1 = AGC finish with error
1
AGC_ENDFLAG
0
AGC end flag
0 = not end or not run
1 = AGC sequence was done
0
AGC_EN
0
AGC enable
0 = disable
1 = enable
Register 57h AGC config 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R88 (58h)
AGC config 2
6:4
AGC_DPD[2:0]
000
the number of peak detection iterations to calculate digital
gain
000 = no digital gain adjustment
001 = 1line
010 = 2line
…
111 = 7line
2:0
AGC_APD[2:0]
000
the number of peak detection iterations to calculate
analogue gain
000 = no analogue gain adjustment
001 = 1line
010 = 2line
…
111 = 7line
Register 58h AGC config 2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R93 (5Dh)
AGC target
IN1 LSB
7:0
AGC_TARGET
IN1[7:0]
0000_0000
LSBs of AGC target level for IN1
Register 5Dh AGC target IN1 LSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R94 (5Eh)
1:0
AGC_TARGET
00
MSBs of AGC target level for IN1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com