Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8232 Datasheet(PDF) 85 Page - Cirrus Logic

Part # WM8232
Description  105MSPS 3-Channel AFE with Sensor
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8232 Datasheet(HTML) 85 Page - Cirrus Logic

Back Button WM8232 Datasheet HTML 81Page - Cirrus Logic WM8232 Datasheet HTML 82Page - Cirrus Logic WM8232 Datasheet HTML 83Page - Cirrus Logic WM8232 Datasheet HTML 84Page - Cirrus Logic WM8232 Datasheet HTML 85Page - Cirrus Logic WM8232 Datasheet HTML 86Page - Cirrus Logic WM8232 Datasheet HTML 87Page - Cirrus Logic WM8232 Datasheet HTML 88Page - Cirrus Logic WM8232 Datasheet HTML 89Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 141 page
background image
WM8232
Rev 4.6
85
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R117 (75h)
AGC peak
level IN2 LSB
7:0
PEAK_IN2[7:0]
0000_0000
LSBs of detected peak level of IN2 (Read Only)
Register 75h AGC peak level IN2 LSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R118 (76h)
AGC peak
level IN2
MSB
1:0
PEAK_IN2[9:8]
00
MSBs of detected peak level of IN2 (Read Only)
Register 76h AGC peak level IN2 MSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R123 (7Bh)
AGC peak
level IN3 LSB
7:0
PEAK_IN3[7:0]
0000_0000
LSBs of detected peak level of IN3 (Read Only)
Register 7Bh AGC peak level IN3 LSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R124 (7Ch)
AGC peak
level IN3
MSB
1:0
PEAK_IN3[9:8]
00
MSBs of detected peak level of IN3 (Read Only)
Register 7Ch AGC peak level IN3 MSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R128 (80h)
DLL config 1
5:4
DLGAIN[1:0]
01
gain control of DLL delay line
Need to set according to input frequency. See details in
“PLL DLL Setup”
2
DLLRST
0
reset DLL delay line
0 = normal
1= reset DLL
1
CKOSTB
0
standby TG clock output
0 = generate TG clock
1 = stop generation of TG clock
0
AFECKSTB
0
standby AFE clock (VSMP/RSMP/ADCK) output
0 = generate AFE clock
1 = stop generation of AFE clock
Register 80h DLL config 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R129 (81h)
DLL config 2
5:4
LVDLGAIN[1:0]
01
gain control of LVDS DLL delay line
Need to set according to input frequency. See details in
“PLL DLL Setup”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com