Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8232 Datasheet(PDF) 74 Page - Cirrus Logic

Part # WM8232
Description  105MSPS 3-Channel AFE with Sensor
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8232 Datasheet(HTML) 74 Page - Cirrus Logic

Back Button WM8232 Datasheet HTML 70Page - Cirrus Logic WM8232 Datasheet HTML 71Page - Cirrus Logic WM8232 Datasheet HTML 72Page - Cirrus Logic WM8232 Datasheet HTML 73Page - Cirrus Logic WM8232 Datasheet HTML 74Page - Cirrus Logic WM8232 Datasheet HTML 75Page - Cirrus Logic WM8232 Datasheet HTML 76Page - Cirrus Logic WM8232 Datasheet HTML 77Page - Cirrus Logic WM8232 Datasheet HTML 78Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 141 page
background image
WM8232
74
Rev 4.6
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
010: 2mA
011: 3mA
100: 4mA
101: 5mA
110/111: 6mA
Register 10h CMOS drivability control 4
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R17 (11h)
CMOS
drivability
control 5
6:4
OP7_DRV[2:0]
000
CMOS output (OP8) drivability
000: Hi-Z
001: 1mA
010: 2mA
011: 3mA
100: 4mA
101: 5mA
110/111: 6mA
2:0
OP6_DRV[2:0]
000
CMOS output (OP7) drivability
000: Hi-Z
001: 1mA
010: 2mA
011: 3mA
100: 4mA
101: 5mA
110/111: 6mA
Register 11h CMOS drivability control 5
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R18 (12h)
CMOS
drivability
control 6
6:4
OP9_DRV[2:0]
000
CMOS output (OP10) drivability
000: Hi-Z
001: 1mA
010: 2mA
011: 3mA
100: 4mA
101: 5mA
110/111: 6mA
2:0
OP8_DRV[2:0]
000
CMOS output (OP9) drivability
000: Hi-Z
001: 1mA
010: 2mA
011: 3mA
100: 4mA
101: 5mA
110/111: 6mA
Register 12h CMOS drivability control 6
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com