Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8232 Datasheet(PDF) 23 Page - Cirrus Logic

Part # WM8232
Description  105MSPS 3-Channel AFE with Sensor
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8232 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button WM8232 Datasheet HTML 19Page - Cirrus Logic WM8232 Datasheet HTML 20Page - Cirrus Logic WM8232 Datasheet HTML 21Page - Cirrus Logic WM8232 Datasheet HTML 22Page - Cirrus Logic WM8232 Datasheet HTML 23Page - Cirrus Logic WM8232 Datasheet HTML 24Page - Cirrus Logic WM8232 Datasheet HTML 25Page - Cirrus Logic WM8232 Datasheet HTML 26Page - Cirrus Logic WM8232 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 141 page
background image
WM8232
Rev 4.6
23
PLL DLL SETUP
WM8232 is supporting wide range of input frequency. PLL_EXDIV_SEL[2:0], LVDLGAIN[1:0] and
DLGAIN[1:0] must be configured by MCLK clock rate and data output format.
Note that after PLL and DLL configuration, the device must be reset as the following step.
R03[1:0]=11 (PDMD=1, PD=1)
Delay 1ms
R03[1:0]=00 (Normal operation)
Also, several LVDS operation mode is required to change internal LDO configuration to perform LVDS
clocking properly. The following register need to set to change the LDO configuration.
R1B0h=1
R1B4h=12h
Max sample rate
MCLK Clock rate
[MHz]
30.1
~
35.0
30
25.0
~
29.9
15.0
~
23.3
12.5
~
14.99
10.0
~
12.49
8.33
~
9.99
7.5
~
8.32
5.0
~
7.49
PLL_EXDIV_SEL[2:0]
000
000
001
001
001
001
010
010
LVDLGAIN[1:0]
DLGAIN[1:0]
01
01
01
10
10
10
10
10
LDO setting
PLL_EXDIV_SEL[2:0]
001
001
001
010
010
011
011
011
100
LVDLGAIN[1:0]
01
01
01
01
10
10
10
10
10
DLGAIN[1:0]
01
01
01
01
10
10
10
10
10
LDO setting
PLL_EXDIV_SEL[2:0]
000
000
000
001
001
001
001
010
010
LVDLGAIN[1:0]
00
00
01
01
01
01
10
10
10
DLGAIN[1:0]
01
01
01
01
10
10
10
10
10
LDO setting
12h
12h
PLL_EXDIV_SEL[2:0]
001
001
001
001
010
010
LVDLGAIN[1:0]
00
01
01
01
01
01
DLGAIN[1:0]
01
10
10
10
10
10
LDO setting
12h
CMOS 10 bit
LVDS 5pair 10bit
LVDS 5pair 16bit
LVDS 4pair 12bit
LVDS 3pair 10bit
LVDS 3pair 16bit
23.3MHz
35MHz
35MHz
30MHz
Table 4 PLL and DLL Setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com