Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8232 Datasheet(PDF) 24 Page - Cirrus Logic

Part # WM8232
Description  105MSPS 3-Channel AFE with Sensor
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8232 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button WM8232 Datasheet HTML 20Page - Cirrus Logic WM8232 Datasheet HTML 21Page - Cirrus Logic WM8232 Datasheet HTML 22Page - Cirrus Logic WM8232 Datasheet HTML 23Page - Cirrus Logic WM8232 Datasheet HTML 24Page - Cirrus Logic WM8232 Datasheet HTML 25Page - Cirrus Logic WM8232 Datasheet HTML 26Page - Cirrus Logic WM8232 Datasheet HTML 27Page - Cirrus Logic WM8232 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 141 page
background image
WM8232
24
Rev 4.6
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R28 (1Ch)
PLL divider
control 1
6:4
PLL_EXDIV_
SEL[2:0]
001
Select EX DIV ratio.
Need to set according to input frequency. See Table 4.
000 = 1
001 = 2
010 = 4
011 = 8
100 = 16
101 to 111 = reserved.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R128 (80h)
DLL config 1
5:4
DLGAIN[1:0]
01
gain control of DLL delay line
Need to set according to input frequency. See Table 4.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R129 (81h)
DLL config 2
5:4
LVDLGAIN[1:0]
01
gain control of LVDS DLL delay line
Need to set according to input frequency. See Table 4.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R432 (1B0h)
User access
control
0
USER_KEY
0
0 = User access disabled
1 = User access enabled
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R436 (1B4h)
LDO2 control
4:0
LDO2 VSEL
1_0000
1_0000 = 1.8V
1_0010 = 2.0V
Notes:
1.
To change the LDO2 control, the USER_KEY bit must be set to ‘1’.
2.
If it’s not required to change this register, it must be set as default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com