Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8232 Datasheet(PDF) 8 Page - Cirrus Logic

Part # WM8232
Description  105MSPS 3-Channel AFE with Sensor
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8232 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button WM8232 Datasheet HTML 4Page - Cirrus Logic WM8232 Datasheet HTML 5Page - Cirrus Logic WM8232 Datasheet HTML 6Page - Cirrus Logic WM8232 Datasheet HTML 7Page - Cirrus Logic WM8232 Datasheet HTML 8Page - Cirrus Logic WM8232 Datasheet HTML 9Page - Cirrus Logic WM8232 Datasheet HTML 10Page - Cirrus Logic WM8232 Datasheet HTML 11Page - Cirrus Logic WM8232 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 141 page
background image
WM8232
8
Rev 4.6
ELECTRICAL CHARACTERISTICS
Test Conditions
AVDD = LDOVDD = DBVDD = 3.3V, AGND = LDOGND = DBGND= 0V, TA = 25C, MCLK= 35MHz unless otherwise stated.
PARAMETER
SYMBOL
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
Overall System Specification (including 10-bit ADC, PGA, Offset and CDS functions)
Conversion rate per channel
5
35
MSPS
Full-scale input voltage
(see Note 1)
ADCFS=0, Max Gain
ADCFS=0, Min Gain
0.12
2.0
Vp-p
Vp-p
ADCFS=1, Max Gain
ADCFS=1, Min Gain
0.18
3.0
Vp-p
Vp-p
Input signal voltage range
VIN
SF_INP=0
AGND
AVDD
V
SF_INP=1
AGND
1.2
V
Input capacitance
CIN
Inputs to AGND
10
12
pF
Full-scale transition error
Gain = 0dB;
AGAIN[4:0] = 02(hex)
DGAIN[11:0] = 6AB(hex)
20
mV
Zero-scale transition error
Gain = 0dB;
AGAIN[4:0] = 02(hex)
DGAIN[11:0] = 6AB(hex)
20
mV
Differential non-linearity
DNL
10-bit
+/-0.5
+/-1.5
LSB
Integral non-linearity (pk-pk/2)
INL
10-bit
+/-1
+/-4
LSB
Channel to channel gain matching
Min Gain
5
%
Max Gain
15
%
Output noise
10-bit, Unity Gain
(Unused channels grounded)
0.5
2.5
LSB rms
Channel to channel crosstalk
10-bit
+/-0.5
LSB
Channel to channel offset
matching
BLC disabled
70
210
mV
Programmable Gain Amplifier
Total Resolution (Ga + Gd)
GT
12
bits
Analogue Gain
Ga
0.6 + 0.3 * AGAIN[4:0]
V/V
Max gain, each channel (Ga)
Ga MAX
AGAIN[4:0] = 1F(hex)
8.00
9.9
11.43
V/V
Min gain, each channel (Ga)
Ga MIN
AGAIN[4:0] = 0(hex)
0.44
0.6
0.77
V/V
Digital Gain
Gd
DGAIN[11:0] / 211
V/V
Max gain, each channel (Gd)
Gd MAX
DGAIN[11:0] = FFF(hex)
2
V/V
Min gain, each channel (Gd)
Gd MIN
DGAIN[11:0] = 400 (hex)
0.5
V/V
Max gain, each channel
(Ga + Gd)
GTMAX
AGAIN[4:0] = 1F(hex)
DGAIN[11:0] = FFF(hex)
19.8
V/V
Min gain, each channel
(Ga + Gd)
GTMIN
AGAIN[4:0] = 0(hex)
DGAIN[11:0] = 400 (hex)
0.3
V/V
Analogue to Digital Converter
Resolution
16
bits
Speed
70
MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com