Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8232 Datasheet(PDF) 63 Page - Cirrus Logic

Part # WM8232
Description  105MSPS 3-Channel AFE with Sensor
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8232 Datasheet(HTML) 63 Page - Cirrus Logic

Back Button WM8232 Datasheet HTML 59Page - Cirrus Logic WM8232 Datasheet HTML 60Page - Cirrus Logic WM8232 Datasheet HTML 61Page - Cirrus Logic WM8232 Datasheet HTML 62Page - Cirrus Logic WM8232 Datasheet HTML 63Page - Cirrus Logic WM8232 Datasheet HTML 64Page - Cirrus Logic WM8232 Datasheet HTML 65Page - Cirrus Logic WM8232 Datasheet HTML 66Page - Cirrus Logic WM8232 Datasheet HTML 67Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 141 page
background image
WM8232
Rev 4.6
63
REG
NAME
7
6
5
4
3
2
1
0
DEFAULT
R80 (50h) BLC INP3 target
TARGETINP3[7:0]
00h
R81 (51h) BLC control 1
FRAME_SEQ FA_EVERYLINE FA_ACCUM
FA_EN
CA_EVERYLINE
CADUR[2:0]
00h
R82 (52h) BLC control 2
0
0
0
0
0
0
SEQ_START FRAME_START
00h
R83 (53h) BLC control 3
BPIX_AVAIL[7:0]
00h
R84 (54h) BLC control 4
0
0
0
0
0
0
BPIX_AVAIL[9:8]
00h
R85 (55h) BLC control 5
LINE_DEL[7:0]
00h
R86 (56h) BLC control 6
0
0
0
0
0
0
0
LINE_DEL[8]
00h
R87 (57h) AGC config 1
AGCAVE[3:0]
0
AGC_ERRFLAGAGC_ENDFLAG AGC_EN
00h
R88 (58h) AGC config 2
0
AGC_DPD[2:0]
0
AGC_APD[2:0]
00h
R93 (5Dh) AGC target IN1 LSB
AGC_TARGETIN1[7:0]
00h
R94 (5Eh) AGC target IN1 MSB
0
0
0
0
0
0
AGC_TARGETIN1[9:8]
00h
R99 (63h) AGC target IN2IN2 LSB
AGC_TARGETIN2IN2[7:0]
00h
R100 (64h) AGC target IN2IN2 MSB
0
0
0
0
0
0
AGC_TARGETIN2[9:8]
00h
R105 (69h) AGC target IN3 LSB
AGC_TARGETIN3[7:0]
00h
R106 (6Ah) AGC target IN3 MSB
0
0
0
0
0
0
AGC_TARGETIN3[9:8]
00h
R111 (6Fh) AGC peak level IN1 LSB
PEAK_IN1[7:0]
00h
R112 (70h) AGC peak level IN1 MSB
0
0
0
0
0
0
PEAK_IN1[9:8]
00h
R117 (75h) AGC peak level IN2 LSB
PEAK_IN2[7:0]
00h
R118 (76h) AGC peak level IN2 MSB
0
0
0
0
0
0
PEAK_IN2[9:8]
00h
R123 (7Bh) AGC peak level IN3 LSB
PEAK_IN3[7:0]
00h
R124 (7Ch) AGC peak level IN3 MSB
0
0
0
0
0
0
PEAK_IN3[9:8]
00h
R128 (80h) DLL config 1
0
0
DLGAIN[1:0]
0
DLLRST
CKOSTB
AFECKSTB
10h
R129 (81h) DLL config 2
0
0
LVDLGAIN[1:0]
0
0
LVDLLRST
LVDLLSTB
10h
R130 (82h) RSMP rise
0
0
RSMP_RISE[5:0]
1Ch
R131 (83h) RSMP fall
0
0
RSMP_FALL[5:0]
26h
R132 (84h) VSMP rise
0
0
VSMP_RISE[5:0]
28h
R133 (85h) VSMP fall
0
0
VSMP_FALL[5:0]
08h
R134 (86h) TGCKO rise
0
0
TCLKO_RISE[5:0]
37h
R135 (87h) CLK1 rise
0
0
CLK1_RISE[5:0]
0Ah
R136 (88h) CLK1 fall
0
0
CLK1_FALL[5:0]
19h
R137 (89h) CLK2 rise
0
0
CLK2_RISE[5:0]
19h
R138 (8Ah) CLK2fall
0
0
CLK2_FALL[5:0]
28h
R139 (8Bh) CLK3 rise
0
0
CLK3_RISE[5:0]
28h
R140 (8Ch) CLK3 fall
0
0
CLK3_FALL[5:0]
0Ah
R141 (8Dh) CLK4 rise
0
0
CLK4_RISE[5:0]
00h
R142 (8Eh) CLK4 fall
0
0
CLK4_FALL[5:0]
00h
R143 (8Fh) CLK5 rise
0
0
CLK5_RISE[5:0]
0Ah
R144 (90h) CLK5 fall
0
0
CLK5_FALL[5:0]
28h
R145 (91h) CLK6 rise
0
0
CLK6_RISE[5:0]
0Ah
R146 (92h) CLK6 fall
0
0
CLK6_FALL[5:0]
28h
R160 (A0h) TG config 1
OFFSET[3:0]
CYCMD
POLSYNC
TGMD
TG_EN
00h
R161 (A1h) TG config 2
LLENGTH[7:0]
00h
R162 (A2h) TG config 3
0
LLENGTH[14:8]
00h
R163 (A3h) TG config 4
FLAGPIX[7:0]
00h
R164 (A4h) TG config 5
0
FLAGPIX[14:8]
00h
R165 (A5h) TG config 6
OE_CLK8
OE_CLK7
OE_CLK6
OE_CLK5
OE_CLK4
OE_CLK3
OE_CLK2
OE_CLK1
FFh
R166 (A6h) TG config 7
0
0
0
0
0
OE_CLK11
OE_CLK10
OE_CLK9
07h
R167 (A7h) TG config 8
INV_CLK8
INV_CLK7
INV_CLK6
INV_CLK5
INV_CLK4
INV_CLK3
INV_CLK2
INV_CLK1
00h
R168 (A8h) TG config 9
0
0
0
0
0
INV_CLK11
INV_CLK10
INV_CLK9
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com