Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8232 Datasheet(PDF) 34 Page - Cirrus Logic

Part # WM8232
Description  105MSPS 3-Channel AFE with Sensor
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8232 Datasheet(HTML) 34 Page - Cirrus Logic

Back Button WM8232 Datasheet HTML 30Page - Cirrus Logic WM8232 Datasheet HTML 31Page - Cirrus Logic WM8232 Datasheet HTML 32Page - Cirrus Logic WM8232 Datasheet HTML 33Page - Cirrus Logic WM8232 Datasheet HTML 34Page - Cirrus Logic WM8232 Datasheet HTML 35Page - Cirrus Logic WM8232 Datasheet HTML 36Page - Cirrus Logic WM8232 Datasheet HTML 37Page - Cirrus Logic WM8232 Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 141 page
background image
WM8232
34
Rev 4.6
SENSOR TIMING GENERATION
The WM8232 provides two types of clock internally. C_CK* are high speed clocks, these clocks can
set the clock phase by using fine pitch phase control. P_CK* are pixel rate signals which is selected
by PO0 to PO7. The WM8232 has eleven sensor TG outputs pins. CLK1 is for clock type use only.
CLK2, CLK3, CLK4, CLK5 and CLK6 are selectable high speed type signal or pulse type signal.
CLK7, CLK8, CLK9, CLK10 and CLK11 are pulse type use only.
CLK1
CLK2
CLK3
CLK4
CLK5
CLK6
C_CK1
C_CK2
C_CK3
C_CK4
C_CK5
C_CK6
CLK7
CLK9
CLK8
CLK10
CLK11
P_CK2
P_CK3
P_CK4
P_CK5
P_CK6
P_CK7
P_CK8
P_CK9
P_CK10
P_CK11
Delay
Delay
Delay
Delay
Delay
OE
OE
OE
OE
OE
OE
OE
OE
OE
OE
OE
PO0
PO1
PO3
PO4
PO5
PO6
PO7
PO2
Delay
Delay
Delay
Delay
Delay
MCLK (input)
CK1,2,3,4,5,6
(Clock Output)
tMCLKD
CK_RISE[5:0]
CK_FALL[5:0]
VSMP (Internal)
TGCK (Internal)
Pixel Counter
(Internal)
2*tPER/60
tPER
CK2-11
(Pulse output)
TCLKO_RISE[5:0]
TGCO (Internal)
Duty=50%
Duty=50%
DEL_PCK [1:0]
VSMP_RISE[5:0]
VSMP_FALL[5:0]
Figure 21 TG Output Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com