Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8232 Datasheet(PDF) 91 Page - Cirrus Logic

Part # WM8232
Description  105MSPS 3-Channel AFE with Sensor
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8232 Datasheet(HTML) 91 Page - Cirrus Logic

Back Button WM8232 Datasheet HTML 87Page - Cirrus Logic WM8232 Datasheet HTML 88Page - Cirrus Logic WM8232 Datasheet HTML 89Page - Cirrus Logic WM8232 Datasheet HTML 90Page - Cirrus Logic WM8232 Datasheet HTML 91Page - Cirrus Logic WM8232 Datasheet HTML 92Page - Cirrus Logic WM8232 Datasheet HTML 93Page - Cirrus Logic WM8232 Datasheet HTML 94Page - Cirrus Logic WM8232 Datasheet HTML 95Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 141 page
background image
WM8232
Rev 4.6
91
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R161 (A1h)
TG config 2
7:0
LLENGTH[7:0]
0000_0000
LSBs of LLENGTH[14:0]
the number of pixels in a line (valid only in master mode)
Register A1h TG config 2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R162 (A2h)
TG config 3
6:0
LLENGTH[14:8]
000_0000
MSBs of LLENGTH
the number of pixels in a line (valid only in master mode)
Register A2h TG config 3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R163 (A3h)
TG config 4
7:0
FLAGPIX[7:0]
0000_0000
LSBs of FLAGPIX[14:0]
flag pixel control
pulse flagpix is high
when pixel counter equals to flagpix[14:0]
Register A3h TG config 4
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R164 (A4h)
TG config 5
6:0
FLAGPIX[14:8]
000_0000
MSBs of FLAGPIX[14:0]
flag pixel control
pulse flagpix is high
when pixel counter equals to flagpix[14:0]
Register A4h TG config 5
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R165 (A5h)
TG config 6
7
OE_CLK8
1
output enable of "CLK8"
0 = Hi-Z
1 = output
6
OE_CLK7
1
output enable of "CLK7"
0 = Hi-Z
1 = output
5
OE_CLK6
1
output enable of "CLK6"
0 = Hi-Z
1 = output
4
OE_CLK5
1
output enable of "CLK5"
0 = Hi-Z
1 = output
3
OE_CLK4
1
output enable of "CLK4"
0 = Hi-Z
1 = output
2
OE_CLK3
1
output enable of "CLK3"
0 = Hi-Z
1 = output
1
OE_CLK2
1
output enable of "CLK2"
0 = Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com