Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8232 Datasheet(PDF) 99 Page - Cirrus Logic

Part # WM8232
Description  105MSPS 3-Channel AFE with Sensor
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8232 Datasheet(HTML) 99 Page - Cirrus Logic

Back Button WM8232 Datasheet HTML 95Page - Cirrus Logic WM8232 Datasheet HTML 96Page - Cirrus Logic WM8232 Datasheet HTML 97Page - Cirrus Logic WM8232 Datasheet HTML 98Page - Cirrus Logic WM8232 Datasheet HTML 99Page - Cirrus Logic WM8232 Datasheet HTML 100Page - Cirrus Logic WM8232 Datasheet HTML 101Page - Cirrus Logic WM8232 Datasheet HTML 102Page - Cirrus Logic WM8232 Datasheet HTML 103Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 141 page
background image
WM8232
Rev 4.6
99
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R183 (B7h)
TG config 24
6:4
CYCPAT_PO5
[2:0]
000
PO5 cycle mode control
[0] = pulse enable at cycle-1
[1] = pulse enable at cycle-2
[2] = pulse enable at cycle-3
2:0
CYCPAT_PO4
[2:0]
000
PO4 cycle mode control
[0] = pulse enable at cycle-1
[1] = pulse enable at cycle-2
[2] = pulse enable at cycle-3
Register B7h TG config 24
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R184 (B8h)
TG config 25
6:4
CYCPAT_PO7
[2:0]
000
PO7 cycle mode control
[0] = pulse enable at cycle-1
[1] = pulse enable at cycle-2
[2] = pulse enable at cycle-3
2:0
CYCPAT_PO6
[2:0]
000
PO6 cycle mode control
[0] = pulse enable at cycle-1
[1] = pulse enable at cycle-2
[2] = pulse enable at cycle-3
Register B8h TG config 25
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R185 (B9h)
clamp enable
rise LSB
7:0
CLAMP_RISE
[7:0]
0000_0000
LSBs of CLAMP_RISE
clamp enable pulse rise pixel
Register B9h clamp enable rise LSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R186 (BAh)
clamp enable
rise MSB
6:0
CLAMP_RISE
[14:8]
000_0000
MSBs of CLAMP_RISE
clamp enable pulse rise pixel
Register BAh clamp enable rise MSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R187 (BBh)
clamp enable
fall LSB
7:0
CLAMP_FALL
[7:0]
0000_0000
LSBs of CLAMP_FALL
clamp enable pulse fall pixel
Register BBh clamp enable fall LSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R188 (BCh)
clamp enable
6:0
CLAMP_FALL
[14:8]
000_0000
MSBs of CLAMP_FALL
clamp enable pulse fall pixel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com