Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8232 Datasheet(PDF) 102 Page - Cirrus Logic

Part # WM8232
Description  105MSPS 3-Channel AFE with Sensor
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8232 Datasheet(HTML) 102 Page - Cirrus Logic

Back Button WM8232 Datasheet HTML 98Page - Cirrus Logic WM8232 Datasheet HTML 99Page - Cirrus Logic WM8232 Datasheet HTML 100Page - Cirrus Logic WM8232 Datasheet HTML 101Page - Cirrus Logic WM8232 Datasheet HTML 102Page - Cirrus Logic WM8232 Datasheet HTML 103Page - Cirrus Logic WM8232 Datasheet HTML 104Page - Cirrus Logic WM8232 Datasheet HTML 105Page - Cirrus Logic WM8232 Datasheet HTML 106Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 141 page
background image
WM8232
102
Rev 4.6
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R202 (CAh)
Mask pulse 2
fall MSB
6:0
M2_FALL[14:8]
000_0000
MSBs of M2_FALL[14:0]
mask puse "M2" fall pixel count
Register CAh Mask pulse 2 fall MSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R203 (CBh)
Mask pulse 3
rise LSB
7:0
M3_RISE[7:0]
0000_0000
LSBs of M3_RISE
mask pulse "M3" rise pixel count
Register CBh Mask pulse 3 rise LSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R204 (CCh)
Mask pulse 3
rise MSB
6:0
M3_RISE[14:8]
000_0000
MSBs of M3_RISE
mask pulse "M3" rise pixel count
Register CCh Mask pulse 3 rise MSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R205 (CDh)
Mask pulse 3
fall LSB
7:0
M3_FALL[7:0]
0000_0000
LSBs of M3_FALL
mask pulse "M3" fall pixel count
Register CDh Mask pulse 3 fall LSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R206 (CEh)
Mask pulse 3
fall MSB
6:0
M3_FALL[14:8]
000_0000
MSBs of M3_FALL
mask pulse "M3" fall pixel count
Register CEh Mask pulse 3 fall MSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R207 (CFh)
Toggle point 0
LSB
7:0
TP0[7:0]
0000_0000
pixel count of toggle point "TP0"
Register CFh Toggle point 0 LSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R208 (D0h)
Toggle point 0
MSB
7
GEN_TP0
0
global enable of toggle point
0 = disable all toggle point
1 = enable toggle point "TP0"
6:0
TP0[14:8]
000_0000
pixel count of toggle point "TP0
Register D0h Toggle point 0 MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com