Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8232 Datasheet(PDF) 66 Page - Cirrus Logic

Part # WM8232
Description  105MSPS 3-Channel AFE with Sensor
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8232 Datasheet(HTML) 66 Page - Cirrus Logic

Back Button WM8232 Datasheet HTML 62Page - Cirrus Logic WM8232 Datasheet HTML 63Page - Cirrus Logic WM8232 Datasheet HTML 64Page - Cirrus Logic WM8232 Datasheet HTML 65Page - Cirrus Logic WM8232 Datasheet HTML 66Page - Cirrus Logic WM8232 Datasheet HTML 67Page - Cirrus Logic WM8232 Datasheet HTML 68Page - Cirrus Logic WM8232 Datasheet HTML 69Page - Cirrus Logic WM8232 Datasheet HTML 70Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 141 page
background image
WM8232
66
Rev 4.6
REG
NAME
7
6
5
4
3
2
1
0
DEFAULT
R267 (10Bh) Toggle point 30 LSB
TP30[7:0]
00h
R268 (10Ch) Toggle point 30 MSB
EN_TP30
TP30[14:8]
00h
R269 (10Dh) Toggle point 31 LSB
TP31[7:0]
00h
R270 (10Eh) Toggle point 31 MSB
EN_TP31
TP31[14:8]
00h
R271 (10Fh) Polarity setting of T1 1
POL7_T1
POL6_T1
POL5_T1
POL4_T1
POL3_T1
POL2_T1
POL1_T1
POL0_T1
FFh
R272 (110h) Polarity setting of T1 2
POL15_T1
POL14_T1
POL13_T1
POL12_T1
POL11_T1
POL10_T1
POL9_T1
POL8_T1
FFh
R273 (111h) Polarity setting of T1 3
POL23_T1
POL22_T1
POL21_T1
POL20_T1
POL19_T1
POL18_T1
POL17_T1
POL16_T1
FFh
R274 (112h) Polarity setting of T1 4
POL31_T1
POL30_T1
POL29_T1
POL28_T1
POL27_T1
POL26_T1
POL25_T1
POL24_T1
FFh
R275 (113h) Polarity setting of T2 1
POL7_T2
POL6_T2
POL5_T2
POL4_T2
POL3_T2
POL2_T2
POL1_T2
POL0_T2
FFh
R276 (114h) Polarity setting of T2 2
POL15_T2
POL14_T2
POL13_T2
POL12_T2
POL11_T2
POL10_T2
POL9_T2
POL8_T2
FFh
R277 (115h) Polarity setting of T2 3
POL23_T2
POL22_T2
POL21_T2
POL20_T2
POL19_T2
POL18_T2
POL17_T2
POL16_T2
FFh
R278 (116h) Polarity setting of T2 4
POL31_T2
POL30_T2
POL29_T2
POL28_T2
POL27_T2
POL26_T2
POL25_T2
POL24_T2
FFh
R279 (117h) Polarity setting of P0 1
POL7_PO0
POL6_PO0
POL5_PO0
POL4_PO0
POL3_PO0
POL2_PO0
POL1_PO0
POL0_PO0
00h
R280 (118h) Polarity setting of P0 2
POL15_PO0
POL14_PO0
POL13_PO0
POL12_PO0
POL11_PO0
POL10_PO0
POL9_PO0
POL8_PO0
00h
R281 (119h) Polarity setting of P0 3
POL23_PO0
POL22_PO0
POL21_PO0
POL20_PO0
POL19_PO0
POL18_PO0
POL17_PO0
POL16_PO0
00h
R282 (11Ah) Polarity setting of P0 4
POL31_PO0
POL30_PO0
POL29_PO0
POL28_PO0
POL27_PO0
POL26_PO0
POL25_PO0
POL24_PO0
00h
R283 (11Bh) Polarity setting of P1 1
POL7_PO1
POL6_PO1
POL5_PO1
POL4_PO1
POL3_PO1
POL2_PO1
POL1_PO1
POL0_PO1
00h
R284 (11Ch) Polarity setting of P1 2
POL15_PO1
POL14_PO1
POL13_PO1
POL12_PO1
POL11_PO1
POL10_PO1
POL9_PO1
POL8_PO1
00h
R285 (11Dh) Polarity setting of P1 3
POL23_PO1
POL22_PO1
POL21_PO1
POL20_PO1
POL19_PO1
POL18_PO1
POL17_PO1
POL16_PO1
00h
R286 (11Eh) Polarity setting of P1 4
POL31_PO1
POL30_PO1
POL29_PO1
POL28_PO1
POL27_PO1
POL26_PO1
POL25_PO1
POL24_PO1
00h
R287 (11Fh) Polarity setting of P2 1
POL7_PO2
POL6_PO2
POL5_PO2
POL4_PO2
POL3_PO2
POL2_PO2
POL1_PO2
POL0_PO2
00h
R288 (120h) Polarity setting of P2 2
POL15_PO2
POL14_PO2
POL13_PO2
POL12_PO2
POL11_PO2
POL10_PO2
POL9_PO2
POL8_PO2
00h
R289 (121h) Polarity setting of P2 3
POL23_PO2
POL22_PO2
POL21_PO2
POL20_PO2
POL19_PO2
POL18_PO2
POL17_PO2
POL16_PO2
00h
R290 (122h) Polarity setting of P2 4
POL31_PO2
POL30_PO2
POL29_PO2
POL28_PO2
POL27_PO2
POL26_PO2
POL25_PO2
POL24_PO2
00h
R291 (123h) Polarity setting of P3 1
POL7_PO3
POL6_PO3
POL5_PO3
POL4_PO3
POL3_PO3
POL2_PO3
POL1_PO3
POL0_PO3
00h
R292 (124h) Polarity setting of P3 2
POL15_PO3
POL14_PO3
POL13_PO3
POL12_PO3
POL11_PO3
POL10_PO3
POL9_PO3
POL8_PO3
00h
R293 (125h) Polarity setting of P3 3
POL23_PO3
POL22_PO3
POL21_PO3
POL20_PO3
POL19_PO3
POL18_PO3
POL17_PO3
POL16_PO3
00h
R294 (126h) Polarity setting of P3 4
POL31_PO3
POL30_PO3
POL29_PO3
POL28_PO3
POL27_PO3
POL26_PO3
POL25_PO3
POL24_PO3
00h
R295 (127h) Polarity setting of P4 1
POL7_PO4
POL6_PO4
POL5_PO4
POL4_PO4
POL3_PO4
POL2_PO4
POL1_PO4
POL0_PO4
00h
R296 (128h) Polarity setting of P4 2
POL15_PO4
POL14_PO4
POL13_PO4
POL12_PO4
POL11_PO4
POL10_PO4
POL9_PO4
POL8_PO4
00h
R297 (129h) Polarity setting of P4 3
POL23_PO4
POL22_PO4
POL21_PO4
POL20_PO4
POL19_PO4
POL18_PO4
POL17_PO4
POL16_PO4
00h
R298 (12Ah) Polarity setting of P4 4
POL31_PO4
POL30_PO4
POL29_PO4
POL28_PO4
POL27_PO4
POL26_PO4
POL25_PO4
POL24_PO4
00h
R299 (12Bh) Polarity setting of P5 1
POL7_PO5
POL6_PO5
POL5_PO5
POL4_PO5
POL3_PO5
POL2_PO5
POL1_PO5
POL0_PO5
00h
R300 (12Ch) Polarity setting of P5 2
POL15_PO5
POL14_PO5
POL13_PO5
POL12_PO5
POL11_PO5
POL10_PO5
POL9_PO5
POL8_PO5
00h
R301 (12Dh) Polarity setting of P5 3
POL23_PO5
POL22_PO5
POL21_PO5
POL20_PO5
POL19_PO5
POL18_PO5
POL17_PO5
POL16_PO5
00h
R302 (12Eh) Polarity setting of P5 4
POL31_PO5
POL30_PO5
POL29_PO5
POL28_PO5
POL27_PO5
POL26_PO5
POL25_PO5
POL24_PO5
00h
R303 (12Fh) Polarity setting of P6 1
POL7_PO6
POL6_PO6
POL5_PO6
POL4_PO6
POL3_PO6
POL2_PO6
POL1_PO6
POL0_PO6
00h
R304 (130h) Polarity setting of P6 2
POL15_PO6
POL14_PO6
POL13_PO6
POL12_PO6
POL11_PO6
POL10_PO6
POL9_PO6
POL8_PO6
00h
R305 (131h) Polarity setting of P6 3
POL23_PO6
POL22_PO6
POL21_PO6
POL20_PO6
POL19_PO6
POL18_PO6
POL17_PO6
POL16_PO6
00h
R306 (132h) Polarity setting of P6 4
POL31_PO6
POL30_PO6
POL29_PO6
POL28_PO6
POL27_PO6
POL26_PO6
POL25_PO6
POL24_PO6
00h
R307 (133h) Polarity setting of P7 1
POL7_PO7
POL6_PO7
POL5_PO7
POL4_PO7
POL3_PO7
POL2_PO7
POL1_PO7
POL0_PO7
00h
R308 (134h) Polarity setting of P7 2
POL15_PO7
POL14_PO7
POL13_PO7
POL12_PO7
POL11_PO7
POL10_PO7
POL9_PO7
POL8_PO7
00h
R309 (135h) Polarity setting of P7 3
POL23_PO7
POL22_PO7
POL21_PO7
POL20_PO7
POL19_PO7
POL18_PO7
POL17_PO7
POL16_PO7
00h
R310 (136h) Polarity setting of P7 4
POL31_PO7
POL30_PO7
POL29_PO7
POL28_PO7
POL27_PO7
POL26_PO7
POL25_PO7
POL24_PO7
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com