Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8232 Datasheet(PDF) 42 Page - Cirrus Logic

Part # WM8232
Description  105MSPS 3-Channel AFE with Sensor
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8232 Datasheet(HTML) 42 Page - Cirrus Logic

Back Button WM8232 Datasheet HTML 38Page - Cirrus Logic WM8232 Datasheet HTML 39Page - Cirrus Logic WM8232 Datasheet HTML 40Page - Cirrus Logic WM8232 Datasheet HTML 41Page - Cirrus Logic WM8232 Datasheet HTML 42Page - Cirrus Logic WM8232 Datasheet HTML 43Page - Cirrus Logic WM8232 Datasheet HTML 44Page - Cirrus Logic WM8232 Datasheet HTML 45Page - Cirrus Logic WM8232 Datasheet HTML 46Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 141 page
background image
WM8232
42
Rev 4.6
PROGRAMMABLE AUTOMATIC BLACK LEVEL CALIBRATION (BLC)
The Programmable Automatic Black-Level Calibration (BLC) function is to adjust the D.C. offset of the
output data such that the digital output code for black pixels is calibrated to a target black level value.
The D.C. offset is determined during the optically-black pixels at the beginning of the linear sensor
and removed during the image-pixels as shown in Figure 27.
Black Pixel Period
Image Pixel Period
Determine Black
Level Offset
Remove Black Level Offset
from Image Pixels
Figure 27 Linear Sensor Model
The automatic black level calibration operates assuming 12 bits ADC resolution. Adjustments to
calculations must be made for different ADC resolutions.
The black level calibration process occurs in two stages as shown in Figure 28 below:
Coarse Adjust Calibration - This is a mixed signal loop which removes the coarse offset
by adjusting the offset DAC.
Fine Adjust Calibration - This is a digital loop which removes the remaining offset with
better noise tolerance, utilising ADC over-range to improve the dynamic range of the
system.
TARGET BL
Input Black Level V1
Adjusted
ADC Output
PGA
ADC
Offset
DAC
Mixed
Signal
LOOP
Digits
Coarse Adjust
Calibration
Fine Adjust
Calibration
Digital
LOOP
Digits
Figure 28 BLC Top-Level Circuitry
TARGET CODES
The user must specify a target black level for each channel through the registers TARGETINP*. If,
during the black-pixel period, the average ADC output code was, for example, 100 and the user
specified the target black level code to be 10, the BLC circuitry would determine 90 codes should be
subtracted from the ADC output. These 90 codes will then be subtracted from every image-pixel code
output from the ADC.
Note
– changing the PGA gain affects the black-level through the device; the gain should therefore not
be changed during a BLC procedure. If the PGA gain changes, then the BLC routine should be re-
run.
The automatic black level calibration feature operates with the assumption of a 12-bit ADC resolution.
The register settings for Target Codes (TARGETINP*) should be set differently depending on the ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com