Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8232 Datasheet(PDF) 87 Page - Cirrus Logic

Part # WM8232
Description  105MSPS 3-Channel AFE with Sensor
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8232 Datasheet(HTML) 87 Page - Cirrus Logic

Back Button WM8232 Datasheet HTML 83Page - Cirrus Logic WM8232 Datasheet HTML 84Page - Cirrus Logic WM8232 Datasheet HTML 85Page - Cirrus Logic WM8232 Datasheet HTML 86Page - Cirrus Logic WM8232 Datasheet HTML 87Page - Cirrus Logic WM8232 Datasheet HTML 88Page - Cirrus Logic WM8232 Datasheet HTML 89Page - Cirrus Logic WM8232 Datasheet HTML 90Page - Cirrus Logic WM8232 Datasheet HTML 91Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 141 page
background image
WM8232
Rev 4.6
87
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R133 (85h)
VSMP fall
5:0
VSMP_FALL
[5:0]
00_1000
VSMP fall edge
00_0000 = tap0
00_0001 = tap1
…
11_1011 = tap59
11_1100 = reserved
11_1101 = reserved
11_1110 = reserved
11_1111 = reserved
Register 85h VSMP fall
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R134 (86h)
TGCKO rise
5:0
TCLKO_RISE
[5:0]
11_0111
TCLKO rise edge
00_0000 = tap0
00_0001 = tap1
…
11_1011 = tap59
11_1100 = reserved
11_1101 = reserved
11_1110 = reserved
11_1111 = reserved
Register 86h TGCKO rise
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R135 (87h)
CLK1 rise
5:0
CLK1_RISE[5:0]
00_1010
CLK1 rise edge
00_0000 = tap0
00_0001 = tap1
…
11_1011 = tap59
11_1100 = reserved
11_1101 = reserved
11_1110 = reserved
11_1111 = reserved
Register 87h CLK1 rise
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R136 (88h)
CLK1 fall
5:0
CLK1_FALL[5:0]
01_1001
CLK1 fall edge
00_0000 = tap0
00_0001 = tap1
…
11_1011 = tap59
11_1100 = reserved
11_1101 = reserved
11_1110 = reserved
11_1111 = reserved
Register 88h CLK1 fall



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com