Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8232 Datasheet(PDF) 82 Page - Cirrus Logic

Part # WM8232
Description  105MSPS 3-Channel AFE with Sensor
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8232 Datasheet(HTML) 82 Page - Cirrus Logic

Back Button WM8232 Datasheet HTML 78Page - Cirrus Logic WM8232 Datasheet HTML 79Page - Cirrus Logic WM8232 Datasheet HTML 80Page - Cirrus Logic WM8232 Datasheet HTML 81Page - Cirrus Logic WM8232 Datasheet HTML 82Page - Cirrus Logic WM8232 Datasheet HTML 83Page - Cirrus Logic WM8232 Datasheet HTML 84Page - Cirrus Logic WM8232 Datasheet HTML 85Page - Cirrus Logic WM8232 Datasheet HTML 86Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 141 page
background image
WM8232
82
Rev 4.6
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R82 (52h)
BLC control 2
1
SEQ_START
0
register flag to indicate that the next start-of-line indicator is
the first line of the first frame in a frame-sequence. This
register is automatically set to zero at the end of the BLC
operation on the first line
0 = no effect
1 = first frame of frame-sequence mode
0
FRAME_START
0
Register flag to indicate that the next start-of-line indicator is
the first line in a frame. This register is automatically set to
zero at the end of the BLC operation on the first line
0 = no effect
1 = start of line
Register 52h BLC control 2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R83 (53h)
BLC control 3
7:0
BPIX_AVAIL[7:0
]
0000_0000
LSBs of the number of black-pixels available over which to
perform the coarse and/or fine adjust calibration
00_0000_0000 = no pixel available
11_1111_1111 = 1023 pixels
Register 53h BLC control 3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R84 (54h)
BLC control 4
1:0
BPIX_AVAIL[9:8
]
00
MSBs of the number of black-pixels available over which to
perform the coarse and/or fine adjust calibration
00_0000_0000 = no pixel available
11_1111_1111 = 1023 pixels
Register 54h BLC control 4
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R85 (55h)
BLC control 5
7:0
LINE_DEL[7:0]
0000_0000
LSBs of the number of lines from the start of a frame to
delay the start of BLC operation
0_0000_0000 = no delay
1_1111_1111 = 511 line
Register 55h BLC control 5
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R86 (56h)
BLC control 6
0
LINE_DEL[8]
0
MSBs of the number of lines from the start of aframe to
delay the start of BLC operation
0_0000_0000 = no delay
1_1111_1111 = 511 line
Register 56h BLC control 6
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R87 (57h)
7:4
AGCAVE[3:0]
0000
averaging factor before peak detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com