Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8232 Datasheet(PDF) 15 Page - Cirrus Logic

Part # WM8232
Description  105MSPS 3-Channel AFE with Sensor
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8232 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button WM8232 Datasheet HTML 11Page - Cirrus Logic WM8232 Datasheet HTML 12Page - Cirrus Logic WM8232 Datasheet HTML 13Page - Cirrus Logic WM8232 Datasheet HTML 14Page - Cirrus Logic WM8232 Datasheet HTML 15Page - Cirrus Logic WM8232 Datasheet HTML 16Page - Cirrus Logic WM8232 Datasheet HTML 17Page - Cirrus Logic WM8232 Datasheet HTML 18Page - Cirrus Logic WM8232 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 141 page
background image
WM8232
Rev 4.6
15
Test Conditions
AVDD = LDOVDD = DBVDD = 3.3V, AGND = LDOGND = DBGND= 0V, TA = 25C, MCLK= 35MHz unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
MCLK cycle period (see note 2)
tPER
28.6
200
ns
MCLK high period (see note 2)
tMCLKH
0.4 * tPER
0.5*tPER
0.6 * tPER
ns
MCLK low period (see note 2)
tMCLKL
0.4 * tPER
0.5*tPER
0.6 * tPER
ns
MCLK rising edge to DLL tap 0
tMCLKD
18
ns
Aperture delay
(from RSMP falling edge)
tRSMPD
5
ns
Aperture delay
(from VSMP falling edge)
tVSMPD
5
ns
RSMP high period
tRSMPH
5
ns
VSMP high period
tVSMPH
5
28 *
tPER/60
ns
RSMP falling edge to VSMP rising edge
tRV
0.5
ns
VSMP falling edge to RSMP rising edge
tVR
0.5
ns
Output data latency
(from 1st falling edge of VSMP)
LAT
LVDS 10-bit 5pair mode
18
clock
LVDS 10-bit 3pair mode,
CMOS 10-bit output mode
16
clock
Other output modes
17
clock
Notes:
1.
1clock = tPER (MCLK cycle period)
2.
MCLK cycle period and MCLK high/low period are measured at 50% of the respective rising/falling edges
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R130 (82h)
RSMP rise
5:0
RSMP_RISE[5:0]
01_1100
RSMP rise edge (0 to 59)
R131 (83h)
RSMP fall
5:0
RSMP_FALL[5:0]
10_0110
RSMP fall edge (0 to 59)
R132 (84h)
VSMP rise
5:0
VSMP_RISE[5:0]
00_1000
VSMP rise edge (0 to 59)
R133 (85h)
VSMP fall
5:0
VSMP_FALL[5:0]
10_1000
VSMP fall edge (0 to 59)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com