Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8232 Datasheet(PDF) 71 Page - Cirrus Logic

Part # WM8232
Description  105MSPS 3-Channel AFE with Sensor
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8232 Datasheet(HTML) 71 Page - Cirrus Logic

Back Button WM8232 Datasheet HTML 67Page - Cirrus Logic WM8232 Datasheet HTML 68Page - Cirrus Logic WM8232 Datasheet HTML 69Page - Cirrus Logic WM8232 Datasheet HTML 70Page - Cirrus Logic WM8232 Datasheet HTML 71Page - Cirrus Logic WM8232 Datasheet HTML 72Page - Cirrus Logic WM8232 Datasheet HTML 73Page - Cirrus Logic WM8232 Datasheet HTML 74Page - Cirrus Logic WM8232 Datasheet HTML 75Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 141 page
background image
WM8232
Rev 4.6
71
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
3:0
FLAG_S0[3:0]
0000
output dataflag as S0
(valid only LVDS mode)
0000 = always low
0001 = start flag
0010 = reserved
0011 = reserved
0100 = reserved
0101 = channel ID[0]
0110 = channel ID[1]
0111 = channel ID[2]
1000 = channel ID[3]
1001 = reserved
1010 = reserved
1011 = reserved
1100 = reserved
1101 = reserved
1110 = reserved
1111 = always high
Register 0Ah flag control 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R11 (0Bh)
flag control 2
7:4
FLAG_S3[3:0]
0000
output dataflag as S3
(valid only LVDS mode)
0000 = always low
0001 = start flag
0010 = reserved
0011 = reserved
0100 = reserved
0101 = channel ID[0]
0110 = channel ID[1]
0111 = channel ID[2]
1000 = channel ID[3]
1001 = reserved
1010 = reserved
1011 = reserved
1100 = reserved
1101 = reserved
1110 = reserved
1111 = always high
3:0
FLAG_S2[3:0]
0000
output dataflag as S2
(valid only LVDS mode)
0000 = always low
0001 = start flag
0010 = reserved
0011 = reserved
0100 = reserved
0101 = channel ID[0]
0110 = channel ID[1]
0111 = channel ID[2]
1000 = channel ID[3]
1001 = reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com