Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8232 Datasheet(PDF) 84 Page - Cirrus Logic

Part # WM8232
Description  105MSPS 3-Channel AFE with Sensor
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8232 Datasheet(HTML) 84 Page - Cirrus Logic

Back Button WM8232 Datasheet HTML 80Page - Cirrus Logic WM8232 Datasheet HTML 81Page - Cirrus Logic WM8232 Datasheet HTML 82Page - Cirrus Logic WM8232 Datasheet HTML 83Page - Cirrus Logic WM8232 Datasheet HTML 84Page - Cirrus Logic WM8232 Datasheet HTML 85Page - Cirrus Logic WM8232 Datasheet HTML 86Page - Cirrus Logic WM8232 Datasheet HTML 87Page - Cirrus Logic WM8232 Datasheet HTML 88Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 141 page
background image
WM8232
84
Rev 4.6
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
AGC target
IN1 MSB
IN1[9:8]
Register 5Eh AGC target IN1 MSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R99 (63h)
AGC target
IN2 LSB
7:0
AGC_TARGET
IN2[7:0]
0000_0000
LSBs of AGC target level for IN2
Register 63h AGC target IN2 LSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R100 (64h)
AGC target
IN2 MSB
1:0
AGC_TARGET
IN2[9:8]
00
MSBs of AGC target level for IN2
Register 64h AGC target IN2 MSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R105 (69h)
AGC target
IN3 LSB
7:0
AGC_TARGET
IN3[7:0]
0000_0000
LSBs of AGC target level for IN3
Register 69h AGC target IN3 LSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R106 (6Ah)
AGC target
IN3 MSB
1:0
AGC_TARGET
IN3[9:8]
00
MSBs of AGC target level for IN3
Register 6Ah AGC target IN3 MSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R111 (6Fh)
AGC peak
level IN1 LSB
7:0
PEAK_IN1[7:0]
0000_0000
LSBs of detected peak level of IN1 (Read Only)
Register 6Fh AGC peak level IN1 LSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R112 (70h)
AGC peak
level IN1
MSB
1:0
PEAK_IN1[9:8]
00
MSBs of detected peak level of IN1 (Read Only)
Register 70h AGC peak level IN1 MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com