Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8232 Datasheet(PDF) 52 Page - Cirrus Logic

Part # WM8232
Description  105MSPS 3-Channel AFE with Sensor
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8232 Datasheet(HTML) 52 Page - Cirrus Logic

Back Button WM8232 Datasheet HTML 48Page - Cirrus Logic WM8232 Datasheet HTML 49Page - Cirrus Logic WM8232 Datasheet HTML 50Page - Cirrus Logic WM8232 Datasheet HTML 51Page - Cirrus Logic WM8232 Datasheet HTML 52Page - Cirrus Logic WM8232 Datasheet HTML 53Page - Cirrus Logic WM8232 Datasheet HTML 54Page - Cirrus Logic WM8232 Datasheet HTML 55Page - Cirrus Logic WM8232 Datasheet HTML 56Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 141 page
background image
WM8232
52
Rev 4.6
PLL/DLL CONFIGURATION
PLL and DLL registers must be configured depending on the MCLK frequency and data output format.
See
“PLL DLL Setup” section for details of configuring PLL/DLL registers. The device must be reset
after PLL/DLL configuration as shown in Figure 40.
PLL/DLL configuration
0x1C[6:4]
PLL_EXDIV_SEL
0x80[5:4] DLGAIN
0x81[5:4] LVDLGAIN
0x1B0[0] USER_KEY
0x1B4[4:0] LDO2_VSEL
PLL configuration
DLL configuration
LDO configuration
(if required)
System reset
Figure 39 PLL/DLL Configuration
System reset
0x03[1] PDMD=1
0x03[0] PD=1
Power down
(Sleep mode)
0x03[1] PDMD=0
0x03[0] PD=0
Back to
Normal operation
Figure 40 System Reset
SAMPLING CONFIGURATION
Sampling configuration is the setting for input signal polarity and sampling timing. See
“CDS/Non-CDS
Processing
” section for details of configuring this register.
Non-CDS mode (S/H mode): RSMP configuration is not required.
CDS mode: RSMP and VSMP configurations are required.
0x04[6]
PGAFS
Input signal polarity
configuration
Sampling configuration
VSMP
configuration
RSMP, VSMP
configuration
0x82,0x83 RSMP_RISE, RSMP_FALL
0x84,0x85 VRMP_RISE, VSMP_FALL
0x84 VSMP_RISE
0x85 VSMP_FALL
Sampling mode
selection
0x04[0]
CDS=1
0x04[0]
CDS=0
CDS mode
Non-CDS
mode
Figure 41 Sampling Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com